Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 96 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 92Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 93Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 94Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 95Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 96Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 97Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 98Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 99Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 170 page
background image
6 inches or less
EMU0
13
11
2
5
4
6
8
10
12
1
3
9
7
14
EMU0
PD
GND
GND
GND
GND
GND
EMU1
EMU1
TMS
TMS
TDI
TDI
DSP
JTAG Header
TDO
TDO
TCK
TCK
TCK_RET
TRST
TRST
V
DDIO
V
DDIO
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
6.6
Reducing Current Consumption
28x DSPs incorporate a unique method to reduce the device current consumption. A reduction in current
consumption can be achieved by turning off the clock to any peripheral module which is not used in a
given application. Table 6-3 indicates the typical reduction in current consumption achieved by turning off
the clocks to various peripherals.
Table 6-3. Typical Current Consumption by Various Peripherals (at 150 MHz)(1)
PERIPHERAL MODULE
IDD CURRENT REDUCTION (mA)
eCAN
12
EVA
6
EVB
6
ADC
8(2)
SCI
4
SPI
5
McBSP
13
(1)
All peripheral clocks are disabled upon reset. Writing to/reading from peripheral registers is possible
only after the peripheral clocks are turned on.
(2)
This number represents the current drawn by the digital portion of the ADC module. Turning off the
clock to the ADC module results in the elimination of the current drawn by the analog portion of the
ADC (IDDA) as well.
6.7
Emulator Connection Without Signal Buffering for the DSP
Figure 6-5 shows the connection between the DSP and JTAG header for a single-processor configuration.
If the distance between the JTAG header and the DSP is greater than 6 inches, the emulation signals
must be buffered. If the distance is less than 6 inches, buffering is typically not needed. Figure 6-5 shows
the simpler, no-buffering situation. For the pullup/pulldown resistor values, see the pin description section.
Figure 6-5. Emulator Connection Without Signal Buffering for the DSP
96
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com