Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 43Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 44Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 45Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 46Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 47Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 48Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 49Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 50Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
3.6.1
External Interrupts
Table 3-14. External Interrupts Registers
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
XINT1CR
0x00 7070
1
XINT1 control register
XINT2CR
0x00 7071
1
XINT2 control register
Reserved
0x00 7072 – 0x00 7076
5
XNMICR
0x00 7077
1
XNMI control register
XINT1CTR
0x00 7078
1
XINT1 counter register
XINT2CTR
0x00 7079
1
XINT2 counter register
Reserved
0x00 707A – 0x00 707E
5
XNMICTR
0x00 707F
1
XNMI counter register
Each external interrupt can be enabled/disabled or qualified using positive or negative going edge. For
more information, see the TMS320x281x DSP System Control and Interrupts Reference Guide (literature
number SPRU078).
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
47
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com