Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 37Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 38Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 39Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 40Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 41Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 42Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 43Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 44Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
3.4
Device Emulation Registers
These registers are used to control the protection mode of the C28x CPU and to monitor some critical
device signals. The registers are defined in Table 3-9.
Table 3-9. Device Emulation Registers
SIZE
NAME
ADDRESS RANGE
DESCRIPTION
(x16)
DEVICECNF
0x00 0880 – 0x00 0881
2
Device Configuration Register
0x0001 or 0x0002 – F281x
PARTID
0x00 0882
1
Part ID Register
0x0003 – C281x
0x0001 – Silicon Revision A
0x0002 – Silicon Revision B
0x0003 – Silicon Revisions C, D
REVID
0x00 0883
1
Revision ID Register
0x0004 – Reserved
0x0005 – Silicon Revision E
0x0006 – Silicon Revision F
0x0007 – Silicon Revision G
PROTSTART
0x00 0884
1
Block Protection Start Address Register
PROTRANGE
0x00 0885
1
Block Protection Range Address Register
Reserved
0x00 0886 – 0x00 09FF
378
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
41
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com