Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 97 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 93Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 94Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 95Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 96Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 97Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 98Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 99Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 100Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.8
Power Sequencing Requirements
TMS320F2812/F2811/F2810 silicon requires dual voltages (1.8-V or 1.9-V and 3.3-V) to power up the
CPU, Flash, ROM, ADC, and the I/Os. To ensure the correct reset state for all modules during power up,
there are some requirements to be met while powering up/powering down the device. The current F2812
silicon reference schematics (Spectrum Digital Incorporated eZdsp board) suggests two options for the
power sequencing circuit.
Power sequencing is not needed for C281x devices. In other words, 3.3-V and 1.8-V (or 1.9-V) can ramp
together. C281x can also be used on boards that have F281x power sequencing implemented; however, if
the 1.8-V (or 1.9-V) rail lags the 3.3-V rail, the GPIO pins are undefined until the 1.8-V rail reaches at least
1 V.
•
Option 1:
In this approach, an external power sequencing circuit enables VDDIO first, then VDD and VDD1
(1.8 V or 1.9 V). After 1.8 V (or 1.9 V) ramps, the 3.3 V for Flash (VDD3VFL) and ADC
(VDDA1/VDDA2/AVDDREFBG) modules are ramped up. While option 1 is still valid, TI has simplified the
requirement. Option 2 is the recommended approach.
•
Option 2:
Enable power to all 3.3-V supply pins (VDDIO, VDD3VFL, VDDA1/VDDA2/VDDAIO/AVDDREFBG) and then
ramp 1.8 V (or 1.9 V) (VDD/VDD1) supply pins.
1.8 V or 1.9 V (VDD/VDD1) should not reach 0.3 V until VDDIO has reached 2.5 V. This ensures the reset
signal from the I/O pin has propagated through the I/O buffer to provide power-on reset to all the
modules inside the device. See Figure 6-11 for power-on reset timing.
•
Power-Down Sequencing:
During power-down, the device reset should be asserted low (8 µs, minimum) before the VDD supply
reaches 1.5 V. This will help to keep on-chip flash logic in reset prior to the VDDIO/VDD power supplies
ramping down. It is recommended that the device reset control from “Low-Dropout (LDO)” regulators or
voltage supervisors be used to meet this constraint. LDO regulators that facilitate power-sequencing
(with the aid of additional external components) may be used to meet the power sequencing
requirement. See www.spectrumdigital.com for F2812 eZdsp™ schematics and updates.
Table 6-4. Recommended “Low-Dropout Regulators”
SUPPLIER
PART NUMBER
Texas Instruments
TPS767D301
NOTE
The GPIO pins are undefined until VDD = 1 V and VDDIO = 2.5 V.
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
97
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com