Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 72Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 73Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 74Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 75Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 76Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 77Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 78Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 79Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
Table 4-7. McBSP Registers (continued)
ADDRESS
TYPE
RESET VALUE
NAME
DESCRIPTION
0x00 78xxh
(R/W)
(HEX)
FIFO MODE REGISTERS (applicable only in FIFO mode)
FIFO Data Registers(2)
McBSP Data Receive Register 2 – Top of receive FIFO
DRR2
00
R
0x0000
•
Read First FIFO pointers will not advance
McBSP Data Receive Register 1 – Top of receive FIFO
DRR1
01
R
0x0000
•
Read Second for FIFO pointers to advance
McBSP Data Transmit Register 2 – Top of transmit FIFO
DXR2
02
W
0x0000
•
Write First FIFO pointers will not advance
McBSP Data Transmit Register 1 – Top of transmit FIFO
DXR1
03
W
0x0000
•
Write Second for FIFO pointers to advance
FIFO Control Registers
MFFTX
20
R/W
0xA000
McBSP Transmit FIFO Register
MFFRX
21
R/W
0x201F
McBSP Receive FIFO Register
MFFCT
22
R/W
0x0000
McBSP FIFO Control Register
MFFINT
23
R/W
0x0000
McBSP FIFO Interrupt Register
MFFST
24
R/W
0x0000
McBSP FIFO Status Register
(2)
FIFO pointers advancing is based on order of access to DRR2/DRR1 and DXR2/DXR1 registers.
76
Peripherals
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com