Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 67 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 63Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 64Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 65Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 66Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 67Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 68Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 69Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 70Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
The ADC operation is configured, controlled, and monitored by the registers listed in Table 4-4.
Table 4-4. ADC Registers(1)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
ADCTRL1
0x00 7100
1
ADC Control Register 1
ADCTRL2
0x00 7101
1
ADC Control Register 2
ADCMAXCONV
0x00 7102
1
ADC Maximum Conversion Channels Register
ADCCHSELSEQ1
0x00 7103
1
ADC Channel Select Sequencing Control Register 1
ADCCHSELSEQ2
0x00 7104
1
ADC Channel Select Sequencing Control Register 2
ADCCHSELSEQ3
0x00 7105
1
ADC Channel Select Sequencing Control Register 3
ADCCHSELSEQ4
0x00 7106
1
ADC Channel Select Sequencing Control Register 4
ADCASEQSR
0x00 7107
1
ADC Auto-Sequence Status Register
ADCRESULT0
0x00 7108
1
ADC Conversion Result Buffer Register 0
ADCRESULT1
0x00 7109
1
ADC Conversion Result Buffer Register 1
ADCRESULT2
0x00 710A
1
ADC Conversion Result Buffer Register 2
ADCRESULT3
0x00 710B
1
ADC Conversion Result Buffer Register 3
ADCRESULT4
0x00 710C
1
ADC Conversion Result Buffer Register 4
ADCRESULT5
0x00 710D
1
ADC Conversion Result Buffer Register 5
ADCRESULT6
0x00 710E
1
ADC Conversion Result Buffer Register 6
ADCRESULT7
0x00 710F
1
ADC Conversion Result Buffer Register 7
ADCRESULT8
0x00 7110
1
ADC Conversion Result Buffer Register 8
ADCRESULT9
0x00 7111
1
ADC Conversion Result Buffer Register 9
ADCRESULT10
0x00 7112
1
ADC Conversion Result Buffer Register 10
ADCRESULT11
0x00 7113
1
ADC Conversion Result Buffer Register 11
ADCRESULT12
0x00 7114
1
ADC Conversion Result Buffer Register 12
ADCRESULT13
0x00 7115
1
ADC Conversion Result Buffer Register 13
ADCRESULT14
0x00 7116
1
ADC Conversion Result Buffer Register 14
ADCRESULT15
0x00 7117
1
ADC Conversion Result Buffer Register 15
ADCTRL3
0x00 7118
1
ADC Control Register 3
ADCST
0x00 7119
1
ADC Status Register
Reserved
0x00 711C – 0x00 711F
4
(1)
The above registers are Peripheral Frame 2 Registers.
Copyright © 2001–2011, Texas Instruments Incorporated
Peripherals
67
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com