Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 88 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 88 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 84Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 85Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 86Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 87Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 88Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 89Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 90Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 91Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
The following documents are available on the TI website (http://www.ti.com):
SPRU430
TMS320C28x CPU and Instruction Set Reference Guide describes the central processing
unit (CPU) and the assembly language instructions of the TMS320C28x™ fixed-point digital
signal processors (DSPs). It also describes emulation features available on these DSPs.
SPRU060
TMS320x281x DSP Analog-to-Digital Converter (ADC) Reference Guide describes the
ADC module. The module is a 12-bit pipelined ADC. The analog circuits of this converter,
referred to as the core in this document, include the front-end analog multiplexers (MUXs),
sample-and-hold (S/H) circuits, the conversion core, voltage regulators, and other analog
supporting circuits. Digital circuits, referred to as the wrapper in this document, include
programmable conversion sequencer, result registers, interface to analog circuits, interface
to device peripheral bus, and interface to other on-chip modules.
SPRU095
TMS320x281x DSP Boot ROM Reference Guide describes the purpose and features of the
bootloader (factory-programmed boot-loading software). It also describes other contents of
the device on-chip boot ROM and identifies where all of the information is located within that
memory.
SPRU065
TMS320x281x DSP Event Manager (EV) Reference Guide describes the EV modules that
provide a broad range of functions and features that are particularly useful in motion control
and motor control applications. The EV modules include general-purpose (GP) timers,
full-compare/PWM units, capture units, and quadrature-encoder pulse (QEP) circuits.
SPRU067
TMS320x281x DSP External Interface (XINTF) Reference Guide describes the external
interface (XINTF) of the 281x digital signal processors (DSPs).
SPRU061
TMS320x281x DSP Multichannel Buffered Serial Port (McBSP) Reference Guide
describes the McBSP available on the 281x devices. The McBSPs allow direct interface
between a DSP and other devices in a system.
SPRU078
TMS320x281x DSP System Control and Interrupts Reference Guide describes the
various interrupts and system control features of the 281x digital signal processors (DSPs).
SPRU074
TMS320x281x Enhanced Controller Area Network (eCAN) Reference Guide describes
the eCAN that uses established protocol to communicate serially with other controllers in
electrically noisy environments. With 32 fully configurable mailboxes and time-stamping
feature, the eCAN module provides a versatile and robust serial communication interface.
The eCAN module implemented in the C28x DSP is compatible with the CAN 2.0B standard
(active).
SPRU566
TMS320x28xx, 28xxx DSP Peripheral Reference Guide describes the peripheral reference
guides of the 28x digital signal processors (DSPs).
SPRU051
TMS320x281x Serial Communications Interface (SCI) Reference Guide describes the
SCI that is a two-wire asynchronous serial port, commonly known as a UART. The SCI
modules support digital communications between the CPU and other asynchronous
peripherals that use the standard non-return-to-zero (NRZ) format.
SPRU059
TMS320x281x Serial Peripheral Interface Reference Guide describes the SPI—a
high-speed synchronous serial input/output (I/O) port that allows a serial bit stream of
programmed length (one to sixteen bits) to be shifted into and out of the device at a
programmed bit-transfer rate. The SPI is used for communications between the DSP
controller and external peripherals or another controller.
SPRA550
3.3V DSP for Digital Motor Control Application Report. The application report first
describes a scenario of a 3.3-V-only motor controller indicating that for most applications, no
significant issue of interfacing between 3.3 V and 5 V exists. Cost-effective 3.3-V/5-V
interfacing techniques are then discussed for the situations where such interfacing is
needed. On-chip 3.3-V analog-to-digital converter (ADC) versus 5-V ADC is also discussed.
Guidelines for component layout and printed circuit board (PCB) design that can reduce
88
Development Support
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com