Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 58Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 59Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 60Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 61Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 62Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 63Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 64Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 65Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
4.2.6
PWM Characteristics
Characteristics of the PWMs are as follows:
•
16-bit registers
•
Wide range of programmable deadband for the PWM output pairs
•
Change of the PWM carrier frequency for PWM frequency wobbling as needed
•
Change of the PWM pulse widths within and after each PWM period as needed
•
External-maskable power and drive-protection interrupts
•
Pulse-pattern-generator circuit, for programmable generation of asymmetric, symmetric, and
four-space vector PWM waveforms
•
Minimized CPU overhead using auto-reload of the compare and period registers
•
The PWM pins are driven to a high-impedance state when the PDPINTx pin is driven low and after
PDPINTx signal qualification. The PDPINTx pin (after qualification) is reflected in bit 8 of the
COMCONx register.
–
PDPINTA pin status is reflected in bit 8 of COMCONA register.
–
PDPINTB pin status is reflected in bit 8 of COMCONB register.
•
EXTCON register bits provide options to individually trip control for each PWM pair of signals
4.2.7
Capture Unit
The capture unit provides a logging function for different events or transitions. The values of the selected
GP timer counter is captured and stored in the two-level-deep FIFO stacks when selected transitions are
detected on capture input pins, CAPx (x = 1, 2, or 3 for EVA; and x = 4, 5, or 6 for EVB). The capture unit
consists of three capture circuits.
Capture units include the following features:
•
One 16-bit capture control register, CAPCONx (R/W)
•
One 16-bit capture FIFO status register, CAPFIFOx
•
Selection of GP timer 1/2 (for EVA) or 3/4 (for EVB) as the time base
•
Three 16-bit 2-level-deep FIFO stacks, one for each capture unit
•
Three capture input pins (CAP1/2/3 for EVA, CAP4/5/6 for EVB)—one input pin per capture unit. [All
inputs are synchronized with the device (CPU) clock. In order for a transition to be captured, the input
must hold at its current level to meet the input qualification circuitry requirements. The input pins
CAP1/2 and CAP4/5 can also be used as QEP inputs to the QEP circuit.]
•
User-specified transition (rising edge, falling edge, or both edges) detection
•
Three maskable interrupt flags, one for each capture unit
•
The capture pins can also be used as general-purpose interrupt pins, if they are not used for the
capture function.
4.2.8
Quadrature-Encoder Pulse (QEP) Circuit
Two capture inputs (CAP1 and CAP2 for EVA; CAP4 and CAP5 for EVB) can be used to interface the
on-chip QEP circuit with a quadrature encoder pulse. Full synchronization of these inputs is performed
on-chip. Direction or leading-quadrature pulse sequence is detected, and GP timer 2/4 is incremented or
decremented by the rising and falling edges of the two input signals (four times the frequency of either
input pulse).
With EXTCONA register bits, the EVA QEP circuit can use CAP3 as a capture index pin as well. Similarly,
with EXTCONB register bits, the EVB QEP circuit can use CAP6 as a capture index pin.
4.2.9
External ADC Start-of-Conversion
EVA/EVB start-of-conversion (SOC) can be sent to an external pin (EVASOC/EVBSOC) for external ADC
interface. EVASOC and EVBSOC are MUXed with T2CTRIP and T4CTRIP, respectively.
62
Peripherals
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com