Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 125 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 125 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 121Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 122Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 123Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 124Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 125Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 126Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 127Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 128Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.22 External Interface (XINTF) Timing
Each XINTF access consists of three parts: Lead, Active, and Trail. The user configures the
Lead/Active/Trail wait states in the XTIMING registers. There is one XTIMING register for each XINTF
zone. Table 6-30 shows the relationship between the parameters configured in the XTIMING register and
the duration of the pulse in terms of XTIMCLK cycles.
Table 6-30. Relationship Between Parameters Configured in XTIMING and Duration of Pulse(1)(2)
DURATION (ns)
DESCRIPTION
X2TIMING = 0
X2TIMING = 1
LR
Lead period, read access
XRDLEAD × tc(XTIM)
(XRDLEAD × 2) × tc(XTIM)
AR
Active period, read access
(XRDACTIVE + WS + 1) × tc(XTIM)
(XRDACTIVE × 2 + WS + 1) × tc(XTIM)
TR
Trail period, read access
XRDTRAIL × tc(XTIM)
(XRDTRAIL × 2) × tc(XTIM)
LW
Lead period, write access
XWRLEAD × tc(XTIM)
(XWRLEAD × 2) × tc(XTIM)
AW
Active period, write access
(XWRACTIVE + WS + 1) × tc(XTIM)
(XWRACTIVE × 2 + WS + 1) × tc(XTIM)
TW
Trail period, write access
XWRTRAIL × tc(XTIM)
(XWRTRAIL × 2) × tc(XTIM)
(1)
tc(XTIM) – Cycle time, XTIMCLK
(2)
WS refers to the number of wait states inserted by hardware when using XREADY. If the zone is configured to ignore XREADY
(USEREADY = 0), then WS = 0.
Minimum wait state requirements must be met when configuring each zone’s XTIMING register. These
requirements are in addition to any timing requirements as specified by that device’s data sheet. No
internal device hardware is included to detect illegal settings.
●
If the XREADY signal is ignored (USEREADY = 0), then:
1.
Lead:
LR
≥ tc(XTIM)
LW
≥ tc(XTIM)
These requirements result in the following XTIMING register configuration restrictions (no hardware to
detect illegal XTIMING configurations):
XRDLEAD
XRDACTIVE
XRDTRAIL
XWRLEAD
XWRACTIVE
XWRTRAIL
X2TIMING
≥ 1
≥ 0
≥ 0
≥ 1
≥ 0
≥ 0
0, 1
Examples of valid and invalid timing when not sampling XREADY (no hardware to detect illegal XTIMING
configurations):
XRDLEAD
XRDACTIVE
XRDTRAIL
XWRLEAD
XWRACTIVE
XWRTRAIL
X2TIMING
Invalid
0
0
0
0
0
0
0, 1
Valid
1
0
0
1
0
0
0, 1
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
125
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com