Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811PBKA Datasheet(PDF) 169 Page - Texas Instruments

Part # TMS320C2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811PBKA Datasheet(HTML) 169 Page - Texas Instruments

Back Button TMS320C2811PBKA Datasheet HTML 162Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 163Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 164Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 165Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 166Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 167Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 168Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 169Page - Texas Instruments TMS320C2811PBKA Datasheet HTML 170Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 169 / 170 page
background image
MECHANICAL DATA
OCTOBER 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PGF (S-PQFP-G176)
PLASTIC QUAD FLATPACK
0,13 NOM
89
0,17
0,27
88
45
0,45
0,25
0,75
44
Seating Plane
0,05 MIN
4040134 / B 03/95
Gage Plane
132
133
176
SQ
24,20
SQ
25,80
26,20
23,80
21,50 SQ
1
1,45
1,35
1,60 MAX
M
0,08
0,50
0,08
0
°−7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MO-136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com