Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C58LP Datasheet(PDF) 112 Page - Cypress Semiconductor

Part # CY8C58LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP Datasheet(HTML) 112 Page - Cypress Semiconductor

Back Button CY8C58LP Datasheet HTML 108Page - Cypress Semiconductor CY8C58LP Datasheet HTML 109Page - Cypress Semiconductor CY8C58LP Datasheet HTML 110Page - Cypress Semiconductor CY8C58LP Datasheet HTML 111Page - Cypress Semiconductor CY8C58LP Datasheet HTML 112Page - Cypress Semiconductor CY8C58LP Datasheet HTML 113Page - Cypress Semiconductor CY8C58LP Datasheet HTML 114Page - Cypress Semiconductor CY8C58LP Datasheet HTML 115Page - Cypress Semiconductor CY8C58LP Datasheet HTML 116Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Document Number: 001-84932 Rev. **
Page 112 of 122
Figure 11-76. IMO Frequency Variation vs. Temperature
Figure 11-77. IMO Frequency Variation vs. VCC
Jp-p
Jitter (peak to peak)[84]
F = 24 MHz
–
0.9
–
ns
F = 3 MHz
–
1.6
–
ns
Jperiod
Jitter (long term)[85]
F = 24 MHz
–
0.9
–
ns
F = 3 MHz
–
12
–
ns
Table 11-80. IMO AC Specifications
(continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
Note
84. Based on device characterization (Not production tested).
85. Based on device characterization (Not production tested). USBIO pins tied to ground (VSSD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com