Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C58LP Datasheet(PDF) 116 Page - Cypress Semiconductor

Part # CY8C58LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C58LP Datasheet(HTML) 116 Page - Cypress Semiconductor

Back Button CY8C58LP Datasheet HTML 112Page - Cypress Semiconductor CY8C58LP Datasheet HTML 113Page - Cypress Semiconductor CY8C58LP Datasheet HTML 114Page - Cypress Semiconductor CY8C58LP Datasheet HTML 115Page - Cypress Semiconductor CY8C58LP Datasheet HTML 116Page - Cypress Semiconductor CY8C58LP Datasheet HTML 117Page - Cypress Semiconductor CY8C58LP Datasheet HTML 118Page - Cypress Semiconductor CY8C58LP Datasheet HTML 119Page - Cypress Semiconductor CY8C58LP Datasheet HTML 120Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 122 page
background image
PRELIMINARY
PSoC® 5LP: CY8C58LP Family
Datasheet
Document Number: 001-84932 Rev. **
Page 116 of 122
12.1 Part Numbering Conventions
PSoC 5LP devices follow the part numbering convention described here. All fields are single character alphanumeric (0, 1, 2, …, 9,
A, B, …, Z) unless stated otherwise.
CY8Cabcdefg-LPxxx
■ a: Architecture
❐ 3: PSoC 3
❐ 5: PSoC 5
■ b: Family group within architecture
❐ 2: CY8C52LP family
❐ 4: CY8C54LP family
❐ 6: CY8C56LP family
❐ 8: CY8C58LP family
■ c: Speed grade
❐ 6: 67 MHz
■ d: Flash capacity
❐ 5: 32 KB
❐ 6: 64 KB
❐ 7: 128 KB
❐ 8: 256 KB
■ ef: Package code
❐ Two character alphanumeric
❐ AX: TQFP
❐ LT: QFN
❐ PV: SSOP
■ g: Temperature range
❐ C: commercial
❐ I: industrial
❐ A: automotive
■ xxx: Peripheral set
❐ Three character numeric
❐ No meaning is associated with these three characters
All devices in the PSoC 5LP CY8C58LP family comply to RoHS-6 specifications, demonstrating the commitment by Cypress to
lead-free products. Lead (Pb) is an alloying element in solders that has resulted in environmental concerns due to potential toxicity.
Cypress uses nickel-palladium-gold (NiPdAu) technology for the majority of leadframe-based packages.
A high level review of the Cypress Pb-free position is available on our website. Specific package information is also available. Package
Material Declaration Datasheets (PMDDs) identify all substances contained within Cypress packages. PMDDs also confirm the
absence of many banned substances. The information in the PMDDs will help Cypress customers plan for recycling or other “end of
life” requirements.
Architecture
Cypress Prefix
Family Group within Architecture
Speed Grade
Flash Capacity
Package Code
Temperature Range
Peripheral Set
5: PSoC 5
6: 67 MHz
8: 256 KB
AX: TQFP, PV: SSOP
I: Industrial
Examples
CY8C
5 8
X
A
8
6I
x
LPx
-x
8: CY8C58LP Family
/PV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com