| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 160 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 160 Page - Altera Corporation |
|
160 / 274 page ![]() 9–2 Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family Configuration Features Cyclone III Device Handbook August 2012 Altera Corporation Volume 1 This chapter describes the Cyclone III device family configuration features and describes how to configure Cyclone III device family using the supported configuration schemes. This chapter also includes configuration pin descriptions and the Cyclone III device family configuration file formats. In this chapter, the generic term “device” includes all Cyclone III device family. This chapter contains the following sections: ■ “Configuration Features” on page 9–2 ■ “Design Security” on page 9–70 ■ “Remote System Upgrade” on page 9–74 Configuration Features Cyclone III device family offers configuration data decompression to reduce configuration file storage, provides design security feature to protect your configuration data (for Cyclone III LS devices only), and provides remote system upgrade to allow you to remotely update your Cyclone III device family designs. Table 9–1 lists which configuration methods you can use in each configuration scheme. Table 9–1. Cyclone III Device Family Configuration Features (Part 1 of 2) Configuration Scheme Configuration Method Decompression Remote System Upgrade (1) Design Security (Cyclone III LS Devices Only) Fast Active Serial Standard (AS Standard POR) Serial Configuration Device vv v Fast Active Serial Fast (AS Fast POR) Serial Configuration Device vv v Active Parallel ×16 Standard (AP Standard POR, for Cyclone III devices only) Supported Flash Memory (2) — v — Active Parallel ×16 Fast (AP Fast POR, for Cyclone III devices only) Supported Flash Memory (2) — v — Passive Serial Standard (PS Standard POR) External Host with Flash Memory v — v Download Cable v — v (3) Passive Serial Fast (PS Fast POR) External Host with Flash Memory v — v Download Cable v — v (3) Fast Passive Parallel Fast (FPP Fast POR) External Host with Flash Memory —— v |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |