Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 162 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 162 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 158Page - Altera Corporation PLL1_C4 Datasheet HTML 159Page - Altera Corporation PLL1_C4 Datasheet HTML 160Page - Altera Corporation PLL1_C4 Datasheet HTML 161Page - Altera Corporation PLL1_C4 Datasheet HTML 162Page - Altera Corporation PLL1_C4 Datasheet HTML 163Page - Altera Corporation PLL1_C4 Datasheet HTML 164Page - Altera Corporation PLL1_C4 Datasheet HTML 165Page - Altera Corporation PLL1_C4 Datasheet HTML 166Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 274 page
background image
9–4
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
When you enable compression, the Quartus II software generates configuration files
with compressed configuration data. This compressed file reduces the storage
requirements in the configuration device or flash memory and decreases the time
needed to send the bitstream to the Cyclone III device family. The time needed by a
Cyclone III device family to decompress a configuration file is less than the time
needed to send the configuration data to the device. There are two methods for
enabling compression for Cyclone III device family bitstreams in the Quartus II
software:
■
Before design compilation (using the Compiler Settings menu).
■
After design compilation (use the Convert Programming Files dialog box).
To enable compression in the compiler settings of the project in the Quartus II
software, perform the following steps:
1. On the Assignments menu, click Device. The Settings dialog box appears.
2. Click Device and Pin Options. The Device and Pin Options dialog box appears.
3. Click the Configuration tab.
4. Turn on Generate compressed bitstreams (Figure 9–1).
5. Click OK.
6. In the Settings dialog box, click OK.
To enable compression when creating programming files from the Convert
Programming Files
window, follow these steps:
1. On the File menu, click Convert Programming Files.
Figure 9–1. Enabling Compression for Cyclone III Device Family Bitstreams in Compiler Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com