Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 173 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 173 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 169Page - Altera Corporation PLL1_C4 Datasheet HTML 170Page - Altera Corporation PLL1_C4 Datasheet HTML 171Page - Altera Corporation PLL1_C4 Datasheet HTML 172Page - Altera Corporation PLL1_C4 Datasheet HTML 173Page - Altera Corporation PLL1_C4 Datasheet HTML 174Page - Altera Corporation PLL1_C4 Datasheet HTML 175Page - Altera Corporation PLL1_C4 Datasheet HTML 176Page - Altera Corporation PLL1_C4 Datasheet HTML 177Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–15
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
captures all its configuration data from the bitstream, it drives the nCEO pin low,
enabling the next device in the chain. You can leave the nCEO pin of the last device
unconnected or use it as a user I/O pin after configuration if the last device in the
chain is a Cyclone III device family. The nCONFIG, nSTATUS, CONF_DONE, DCLK, and
DATA[0]
pins of each device in the chain are connected (Figure 9–4).
The first Cyclone III device family in the chain is the configuration master and
controls the configuration of the entire chain. You must connect its MSEL pins to
select the AS configuration scheme. The remaining Cyclone III device family is
configuration slaves and you must connect their MSEL pins to select the PS
configuration scheme. Any other Altera device that supports PS configuration can
also be part of the chain as a configuration slave.
Figure 9–4. Multi-device AS Configuration
Notes to Figure 9–4:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Connect the pull-up resistor to the VCCIO supply voltage of the I/O bank in which the nCE pin resides.
(3) You can leave the nCEO pin unconnected or use it as a user I/O pin when it does not feed the nCE pin of another device.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. You must set the master device of the Cyclone III device
family in AS mode and the slave devices in PS mode. To connect MSEL[3..0] for the master device in AS mode and slave devices in PS mode,
refer to Table 9–7 on page 9–11. Connect the MSEL pins directly to VCCA or GND.
(5) These are dual-purpose I/O pins. The nCSO pin functions as the FLASH_NCE pin in AP mode. The ASDO pin functions as the DATA[1] pin in other
AP and FPP modes.
(6) Connect the series resistor at the near end of the serial configuration device.
(7) Connect the repeater buffers between the master and slave devices of the Cyclone III device family for DATA[0] and DCLK. All I/O inputs must
maintain a maximum AC voltage of 4.1 V. The output resistance of the repeater buffers must fit the maximum overshoot equation outlined in
“Configuration and JTAG Pin I/O Requirements” on page 9–7.
(8) The 50-
 series resistors are optional if the 3.3-V configuration voltage standard is applied. For optimal signal integrity, connect these 50- series
resistors if the 2.5- or 3.0-V configuration voltage standard is applied.
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCEO
MSEL[3..0]
DATA
DCLK
nCS
ASDI
N.C. (3)
(4)
Serial Configuration
Device
Slave Device of the Cyclone III Device Family
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCSO (5)
ASDO (5)
nCEO
MSEL[3..0]
(4)
VCCIO (1)
GND
VCCIO (1)
VCCIO (2)
(6)
VCCIO (1)
Buffers (7)
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
25
Ω
50
Ω (6), (8)
50
Ω(8)
Master Device of the
Cyclone III Device Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com