Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 174 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 174 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 170Page - Altera Corporation PLL1_C4 Datasheet HTML 171Page - Altera Corporation PLL1_C4 Datasheet HTML 172Page - Altera Corporation PLL1_C4 Datasheet HTML 173Page - Altera Corporation PLL1_C4 Datasheet HTML 174Page - Altera Corporation PLL1_C4 Datasheet HTML 175Page - Altera Corporation PLL1_C4 Datasheet HTML 176Page - Altera Corporation PLL1_C4 Datasheet HTML 177Page - Altera Corporation PLL1_C4 Datasheet HTML 178Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 274 page
background image
9–16
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
1 When connecting a serial configuration device to the Cyclone III device family in the
multi-device AS configuration, you must connect a 25- series resistor at the near end
of the serial configuration device for DATA[0].
1 In the multi-device AS configuration, the board trace length between the serial
configuration device to the master device of the Cyclone III device family must follow
the recommendations in Table 9–9 on page 9–20. You must also connect the repeater
buffers between the master and slave devices of the Cyclone III device family for
DATA[0]
and DCLK. All I/O inputs must maintain a maximum AC voltage of 4.1 V. The
output resistance of the repeater buffers must fit the maximum overshoot equation
outlined in “Configuration and JTAG Pin I/O Requirements” on page 9–7.
As shown in Figure 9–4 on page 9–15, the nSTATUS and CONF_DONE pins on all target
devices are connected together with external pull-up resistors. These pins are
open-drain bidirectional pins on the devices. When the first device asserts nCEO (after
receiving all its configuration data), it releases its CONF_DONE pin. However, the
subsequent devices in the chain keep this shared CONF_DONE line low until they receive
their configuration data. When all target devices in the chain receive their
configuration data and release CONF_DONE, the pull-up resistor drives a high level on
this line and all devices simultaneously enter initialization mode.
1 Although you can cascade Cyclone III device family, serial configuration devices
cannot be cascaded or chained together.
If the configuration bitstream size exceeds the capacity of a serial configuration
device, you must select a larger configuration device, enable the compression feature,
or both. When configuring multiple devices, the size of the bitstream is the sum of the
individual devices configuration bitstreams.
Configuring Multiple Cyclone III Device Family with the Same Design
Certain designs require you to configure multiple Cyclone III device family with the
same design through a configuration bitstream or a .sof. You can do this using the
following methods:
■
Multiple SRAM Object Files
■
Single SRAM Object File
1 For both methods, the serial configuration devices cannot be cascaded or
chained together.
Multiple SRAM Object Files
Two copies of the .sof are stored in the serial configuration device. Use the first copy
to configure the master device of the Cyclone III device family and the second copy to
configure all the remaining slave devices concurrently. All slave devices must be of
the same density and package. The setup is similar to Figure 9–4 on page 9–15, in
which the master device is set up in AS mode and the slave devices are set up in PS
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com