| Electronic Components Datasheet Search |
|
PLL1_C4 Datasheet(PDF) 181 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C4 Datasheet(HTML) 181 Page - Altera Corporation |
|
181 / 274 page ![]() Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family 9–23 Configuration Features August 2012 Altera Corporation Cyclone III Device Handbook Volume 1 In production environments, serial configuration devices are programmed using multiple methods. Altera programming hardware or other third-party programming hardware is used to program blank serial configuration devices before they are mounted onto PCBs. Alternatively, you can use an on-board microprocessor to program the serial configuration device in-system by porting the reference C-based SRunner software driver provided by Altera. A serial configuration device is programmed in-system by an external microprocessor using the SRunner software driver. The SRunner software driver is a software driver developed for embedded serial configuration device programming, which is easily customized to fit in different embedded systems. The SRunner software driver is able to read a Raw Programming Data (.rpd) file and write to the serial configuration devices. The serial configuration device programming time using the SRunner software driver is comparable to the programming time with the Quartus II software. f For more information about the SRunner software driver, refer to AN 418: SRunner: An Embedded Solution for Serial Configuration Device Programming and the source code at the Altera website (www.altera.com). AP Configuration (Supported Flash Memories) The AP configuration scheme is for Cyclone III devices only. In the AP configuration scheme, Cyclone III devices are configured using commodity 16-bit parallel flash memory. These external non-volatile configuration devices are industry standard microprocessor flash memories. The flash memories provide a fast interface to access the configuration data. The speed-up in configuration time is mainly due to the 16-bit wide parallel data bus, which is used to retrieve data from the flash memory. Some of the smaller Cyclone III devices or package options do not support the AP configuration scheme and do not have the MSEL[3] pin. Table 9–10 lists the supported AP configuration scheme for each Cyclone III device. During device configuration, Cyclone III devices read configuration data using the parallel interface and configure their SRAM cells. This scheme is referred to as the AP configuration scheme because the device controls the configuration interface. This scheme contrasts with the FPP configuration scheme, where an external host controls the interface. Table 9–10. Supported AP Configuration Scheme for Cyclone III Devices Device Package Options E144 M164 Q240 F256 F324 F484 F780 U256 U484 EP3C5 ——— —————— EP3C10 ——— —————— EP3C16 — — — — — v —— v EP3C25 — — — — v ———— EP3C40 — — — — vv v — v EP3C55 — — — — — vv — v EP3C80 — — — — — vv — v EP3C120 ——— —— vv —— |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |