Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 184 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 184 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 180Page - Altera Corporation PLL1_C4 Datasheet HTML 181Page - Altera Corporation PLL1_C4 Datasheet HTML 182Page - Altera Corporation PLL1_C4 Datasheet HTML 183Page - Altera Corporation PLL1_C4 Datasheet HTML 184Page - Altera Corporation PLL1_C4 Datasheet HTML 185Page - Altera Corporation PLL1_C4 Datasheet HTML 186Page - Altera Corporation PLL1_C4 Datasheet HTML 187Page - Altera Corporation PLL1_C4 Datasheet HTML 188Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 274 page
background image
9–26
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
The interface for the Micron P30 flash memory and P33 flash memory connects to
Cyclone III device pins, as shown in Figure 9–8.
1 To tri-state the configuration bus for AP configuration schemes, you must tie nCE high
and nCONFIG low.
1 In a single-device AP configuration, the maximum board loading and board trace
length between the supported parallel flash and Cyclone III devices must follow the
recommendations listed in Table 9–12 on page 9–30.
1 If you use the AP configuration scheme for Cyclone III devices, the VCCIO of I/O
banks 1, 6, 7, and 8 must be 3.3, 3.0, 2.5, or 1.8 V. Altera does not recommend using the
level shifter between the Micron P30/P33 flash and the Cyclone III device in the AP
configuration scheme.
Figure 9–8. Single-Device AP Configuration Using Micron P30 and P33 Flash Memory
Notes to Figure 9–8:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(3) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL[3..0], refer to Table 9–7 on page 9–11.
Connect the MSEL pins directly to VCCA or GND.
(4) The AP configuration ignores the WAIT signal during configuration mode. However, if you are accessing flash during user mode with user logic,
you can optionally use a normal I/O to monitor the WAIT signal from the Micron P30 or P33 flash.
CLK
RST#
CE#
OE#
ADV#
WE#
WAIT
DQ[15:0]
A[24:1]
DCLK
nRESET
FLASH_nCE
nOE
nAVD
nWE
I/O (4)
DATA[15..0]
PADD[23..0]
nCE
VCCIO (1) VCCIO (1)
10k
10k
MSEL[3..0]
(3)
nCEO
N.C. (2)
Cyclone III Device
Micron P30/P33 Flash
GND
VCCIO (1)
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com