Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 207 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 207 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 203Page - Altera Corporation PLL1_C4 Datasheet HTML 204Page - Altera Corporation PLL1_C4 Datasheet HTML 205Page - Altera Corporation PLL1_C4 Datasheet HTML 206Page - Altera Corporation PLL1_C4 Datasheet HTML 207Page - Altera Corporation PLL1_C4 Datasheet HTML 208Page - Altera Corporation PLL1_C4 Datasheet HTML 209Page - Altera Corporation PLL1_C4 Datasheet HTML 210Page - Altera Corporation PLL1_C4 Datasheet HTML 211Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–49
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
f For more information about how to connect a JTAG chain with multiple voltages
across the devices in the chain, refer to the IEEE 1149.1 (JTAG) Boundary-Scan Testing
for Cyclone III Devices chapter.
You can download data to the device on the PCB through the USB-Blaster,
MasterBlaster, ByteBlaster II, ByteBlasterMV download cable, and Ethernet-Blaster
communications cable during JTAG configuration. Configuring devices using a cable
is similar to programming devices in-system. Figure 9–24 and Figure 9–25 show the
JTAG configuration of a single Cyclone III device family.
For device VCCIO of 2.5, 3.0, and 3.3 V, refer to Figure 9–24. All I/O inputs must
maintain a maximum AC voltage of 4.1 V. Because JTAG pins do not have the internal
PCI clamping diodes to prevent voltage overshoot when using VCCIO of 2.5, 3.0, and
3.3 V, you must power up the VCC of the download cable with a 2.5-V supply from
VCCA, and you must pull TCK to ground.
Table 9–15. Dedicated JTAG Pins
Pin
Name
Pin Type
Description
TDI
Test data input
Serial input pin for instructions as well as test and programming data. Data shifts in on the
rising edge of TCK. The TDI pin is powered by the VCCIO supply. If the JTAG interface is not
required on the board, the JTAG circuitry is disabled by connecting this pin to VCC.
TDO
Test data output
Serial data output pin for instructions as well as test and programming data. Data shifts out on
the falling edge of TCK. The pin is tri-stated if data is not being shifted out of the device. The
TDO
pin is powered by VCCIO in I/O bank 1. If the JTAG interface is not required on the board, the
JTAG circuitry is disabled by leaving this pin unconnected.
TMS
Test mode select
Input pin that provides the control signal to determine the transitions of the TAP controller state
machine. Transitions in the state machine occur on the rising edge of TCK. Therefore, TMS must
be set up before the rising edge of TCK. TMS is evaluated on the rising edge of TCK. The TMS pin
is powered by the VCCIO supply. If the JTAG interface is not required on the board, the JTAG
circuitry is disabled by connecting this pin to VCC.
TCK
Test clock input
Clock input to the BST circuitry. Some operations occur at the rising edge while others occur at
the falling edge. The TCK pin is powered by the VCCIO supply. If the JTAG interface is not
required on the board, the JTAG circuitry is disabled by connecting this pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com