Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C4 Datasheet(PDF) 209 Page - Altera Corporation

Part # PLL1_C4
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C4 Datasheet(HTML) 209 Page - Altera Corporation

Back Button PLL1_C4 Datasheet HTML 205Page - Altera Corporation PLL1_C4 Datasheet HTML 206Page - Altera Corporation PLL1_C4 Datasheet HTML 207Page - Altera Corporation PLL1_C4 Datasheet HTML 208Page - Altera Corporation PLL1_C4 Datasheet HTML 209Page - Altera Corporation PLL1_C4 Datasheet HTML 210Page - Altera Corporation PLL1_C4 Datasheet HTML 211Page - Altera Corporation PLL1_C4 Datasheet HTML 212Page - Altera Corporation PLL1_C4 Datasheet HTML 213Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–51
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
To configure a single device in a JTAG chain, the programming software places all
other devices in bypass mode. In bypass mode, devices pass programming data from
the TDI pin to the TDO pin through a single bypass register without being affected
internally. This scheme enables the programming software to program or verify the
target device. Configuration data driven into the device appears on the TDO pin one
clock cycle later.
The Quartus II software verifies successful JTAG configuration upon completion. At
the end of configuration, the software checks the state of CONF_DONE through the JTAG
port. When the Quartus II software generates a .jam for a multi-device chain, it
contains instructions to have all devices in the chain initialize at the same time. If
CONF_DONE
is not high, the Quartus II software indicates that configuration has failed.
If CONF_DONE is high, the software indicates that configuration was successful. After
the configuration bitstream is serially sent using the JTAG TDI port, the TCK port
clocks an additional clock cycle to perform device initialization.
Figure 9–25. JTAG Configuration of a Single Device Using a Download Cable (1.5-V or 1.8-V VCCIO
Powering the JTAG Pins)
Notes to Figure 9–25:
(1) The resistor value can vary from 1 k
 to 10 k. Perform signal integrity analysis to select the resistor value for your
setup.
(2) Connect these pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(3) The nCE must be connected to GND or driven low for successful JTAG configuration.
(4) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(5) Connect the nCONFIG and MSEL[3..0] pins to support a non-JTAG configuration scheme. If you only use a JTAG
configuration, connect the nCONFIG pin to logic-high and the MSEL[3..0] pins to ground. In addition, pull DCLK and
DATA[0]
either high or low, whichever is convenient on your board.
(6) Power up the VCC of the ByteBlaster II, USB-Blaster, or Ethernet Blaster cable with supply from VCCIO. The
ByteBlaster II, USB-Blaster, and Ethernet Blaster cables do not support a target supply voltage of 1.2 V. For the target
supply voltage value, refer to the ByteBlaster II Download Cable User Guide, USB-Blaster Download Cable User Guide
and Ethernet Blaster Communications Cable User Guide.
(7) In the USB-Blaster and ByteBlaster II cables, this pin is connected to nCE when it is used for AS programming;
otherwise it is a no connect.
nCE (3)
MSEL[3..0]
nCONFIG
CONF_DONE
VCCIO
VCCIO (6)
GND
VCCIO (2)
GND
VCCIO (2)
(5)
VCCIO
10 k
Ω
10 k
Ω
nSTATUS
Pin 1
GND
TCK
TDO
TMS
TDI
1 k
Ω
GND
VIO (7)
Cyclone III Device Family
nCEO
N.C. (4)
DCLK
DATA[0]
(5)
(5)
(5)
Download Cable
10-Pin Male Header (Top View)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com