Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 31Page - Renesas Technology Corp R5F110ME Datasheet HTML 32Page - Renesas Technology Corp R5F110ME Datasheet HTML 33Page - Renesas Technology Corp R5F110ME Datasheet HTML 34Page - Renesas Technology Corp R5F110ME Datasheet HTML 35Page - Renesas Technology Corp R5F110ME Datasheet HTML 36Page - Renesas Technology Corp R5F110ME Datasheet HTML 37Page - Renesas Technology Corp R5F110ME Datasheet HTML 38Page - Renesas Technology Corp R5F110ME Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 35 of 149
Feb 21, 2014
(Notes and Remarks are listed on the next page.)
(TA = -40 to +85 °C, 1.6 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-speed
on-chip oscillator
operating current
IFIL Note 1
0.20
A
RTC2 operating
current
IRTC
Notes 1, 3
0.02
A
12-bit interval
timer operating
current
ITMKA
Notes 1, 2, 4
0.02
A
Watchdog timer
operating current
IWDT
Notes 1, 4
fIL = 15 kHz
0.22
A
A/D converter
operating current
IADC
Notes 6, 7
AVDD = 3.0 V, when conversion at maximum speed
422
720
A
AVREF (+) current
IAVREF Note 8 AVDD = 3.0 V, ADREFP1 = 0, ADREFP0 = 0 Note 7
14.0
25.0
A
AVREFP = 3.0 V, ADREFP1 = 0, ADREFP0 = 1 Note 10
14.0
25.0
ADREFP1 = 1, ADREFP0 = 0 Note 1
14.0
25.0
A/D converter
reference voltage
current
IADREF
Notes 1, 9
VDD = 3.0 V
75.0
A
Temperature
sensor operating
current
ITMPS Note 1
78
A
D/A converter
operating current
IDAC
Notes 1, 11
Per D/A converter channel
0.53
1.5
mA
Comparator
operating current
ICMP
Notes 1, 12
VDD = 3.6 V,
Regulator output
voltage = 2.1 V
Window mode
12.5
A
Comparator high-speed mode
4.5
A
Comparator low-speed mode
1.2
A
VDD = 3.6 V,
Regulator output
voltage = 1.8 V
Window mode
7.05
A
Comparator high-speed mode
2.2
A
Comparator low-speed mode
0.9
A
LVD operating
current
ILVI
Notes 1, 13
0.06
A
Self-programming
operating current
IFSP
Notes 1, 14
2.50
12.20
mA
BGO operating
current
IBGO
Notes 1, 15
1.68
12.20
mA
SNOOZE
operating current
ISNOZ Note 1
ADC operation
The mode is performed Note 16
0.34
1.10
mA
The A/D conversion operations are performed, Low voltage
mode, AVREFP = VDD = 3.0 V
0.53
2.04
CSI/UART operation
0.70
1.54
mA
LCD operating
current
ILCD1
Notes 17, 18
External
resistance
division method
fLCD = fSUB
LCD clock = 128 Hz
1/3 bias
4-time slice
VDD = 3.6 V,
LV4 = 3.6 V
0.14
A
ILCD2
Note 17
Internal voltage
boosting method
fLCD = fSUB
LCD clock = 128 Hz
1/3 bias
4-time slice
VDD = 3.0 V,
LV4 = 3.0 V
(VLCD = 04H)
0.61
A
ILCD3
Note 17
Capacitor split
method
fLCD = fSUB
LCD clock = 128 Hz
1/3 bias
4-time slice
VDD = 3.0 V,
LV4 = 3.0 V
0.12
A
USB current
Note 19
IUSB Note 20
Operating current during USB communication
4.88
mA
IUSB Note 21
Operating current in the USB suspended state
0.04
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com