Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 86Page - Renesas Technology Corp R5F110ME Datasheet HTML 87Page - Renesas Technology Corp R5F110ME Datasheet HTML 88Page - Renesas Technology Corp R5F110ME Datasheet HTML 89Page - Renesas Technology Corp R5F110ME Datasheet HTML 90Page - Renesas Technology Corp R5F110ME Datasheet HTML 91Page - Renesas Technology Corp R5F110ME Datasheet HTML 92Page - Renesas Technology Corp R5F110ME Datasheet HTML 93Page - Renesas Technology Corp R5F110ME Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 90 of 149
Feb 21, 2014
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
Absolute Maximum Ratings (TA = 25
C)
(3/3)
Parameter
Symbols
Conditions
Ratings
Unit
Output current, high
IOH1
Per pin
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P46, P50 to P57, P70 to P77, P80 to P83,
P125 to P127, P140 to P143
-40
mA
Total of all
pins
-170 mA
P40 to P46
-70
mA
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P50 to P57, P70 to P77, P80 to P83,
P125 to P127, P140 to P143
-100
mA
IOH2
Per pin
P130, P150 to P156
-0.1
mA
Total of all
pins
-0.8
mA
IOH3
Per pin
UDP, UDM
-3
mA
Output current, low
IOL1
Per pin
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P46, P50 to P57, P60, P61, P70 to P77,
P80 to P83, P125 to P127, P140 to P143
40
mA
Total of all
pins
170 mA
P40 to P46
70
mA
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P50 to P57, P70 to P77, P80 to P83,
P125 to P127, P140 to P143
100
mA
IOL2
Per pin
P130, P150 to P156
0.4
mA
Total of all
pins
3.2
mA
IOL3
Per pin
UDP, UDM
3
mA
Operating ambient
temperature
TA
In normal operation mode
-40 to +105
C
In flash memory programming mode
-40 to +85
Storage temperature
Tstg
-65 to +150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com