Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 56Page - Renesas Technology Corp R5F110ME Datasheet HTML 57Page - Renesas Technology Corp R5F110ME Datasheet HTML 58Page - Renesas Technology Corp R5F110ME Datasheet HTML 59Page - Renesas Technology Corp R5F110ME Datasheet HTML 60Page - Renesas Technology Corp R5F110ME Datasheet HTML 61Page - Renesas Technology Corp R5F110ME Datasheet HTML 62Page - Renesas Technology Corp R5F110ME Datasheet HTML 63Page - Renesas Technology Corp R5F110ME Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 60 of 149
Feb 21, 2014
(Notes and Caution are listed on the next page. Remarks are listed on the page after the next page.)
(9)
Communication at different potential (1.8 V, 2.5 V) (CSI mode) (slave mode, SCKp... external clock input)
(TA = -40 to +85 °C, 1.8 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle
time Note 1
tKCY2
2.7 V
 VDD  3.6 V,
2.3 V
 Vb  2.7 V
20 MHz < fMCK
 24 MHz
16/fMCK
——
ns
16 MHz < fMCK
 20 MHz
14/fMCK
——
ns
8 MHz < fMCK
 16 MHz
12/fMCK
——
ns
4 MHz < fMCK
 8 MHz
8/fMCK
16/fMCK
—ns
fMCK
 4 MHz
6/fMCK
10/fMCK
10/fMCK
ns
1.8 V
 VDD < 3.3 V,
1.6 V
 Vb  2.0 V Note 2
20 MHz < fMCK
 24 MHz
36/fMCK
——
ns
16 MHz < fMCK
 20 MHz
32/fMCK
——
ns
8 MHz < fMCK
 16 MHz
26/fMCK
——
ns
4 MHz < fMCK
 8 MHz
16/fMCK
16/fMCK
—ns
fMCK
 4 MHz
10/fMCK
10/fMCK
10/fMCK
ns
SCKp high-/
low-level width
tKH2,
tKL2
2.7 V
 VDD  3.6 V, 2.3 V  Vb  2.7 V
tKCY2/2
- 18
tKCY2/2
- 50
tKCY2/2
- 50
ns
1.8 V
 VDD < 3.3 V, 1.6 V  Vb  2.0 V Note 2
tKCY2/2
- 50
tKCY2/2
- 50
tKCY2/2
- 50
ns
SIp setup time
(to SCKp
↑)
Note 3
tSIK2
2.7 V
 VDD  3.6 V
1/fMCK
+ 20
1/fMCK
+ 30
1/fMCK
+ 30
ns
1.8 V
 VDD < 3.3 V
1/fMCK
+ 30
1/fMCK
+ 30
1/fMCK
+ 30
ns
SIp hold time
(from SCKp
↑)
Note 4
tKSI2
1/fMCK
+ 31
1/fMCK
+ 31
1/fMCK
+ 31
ns
Delay time from
SCKp
↓ to SOp
output Note 5
tKSO2
2.7 V
 VDD  3.6 V, 2.3 V  Vb  2.7 V
Cb = 30 pF, Rb = 2.7 k
2/fMCK
+ 214
2/fMCK
+ 573
2/fMCK
+ 573
ns
1.8 V
 VDD < 3.3 V, 1.6 V  Vb  2.0 V Note 2
Cb = 30 pF, Rb = 5.5 k
2/fMCK
+ 573
2/fMCK
+ 573
2/fMCK
+ 573
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com