Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 18Page - Renesas Technology Corp R5F110ME Datasheet HTML 19Page - Renesas Technology Corp R5F110ME Datasheet HTML 20Page - Renesas Technology Corp R5F110ME Datasheet HTML 21Page - Renesas Technology Corp R5F110ME Datasheet HTML 22Page - Renesas Technology Corp R5F110ME Datasheet HTML 23Page - Renesas Technology Corp R5F110ME Datasheet HTML 24Page - Renesas Technology Corp R5F110ME Datasheet HTML 25Page - Renesas Technology Corp R5F110ME Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 22 of 149
Feb 21, 2014
Note 1.
This value only indicates the absolute maximum ratings when applying voltage to the VL1, VL2, VL3, and VL4 pins; it does
not mean that applying voltage to these pins is recommended. When using the internal voltage boosting method or
capacitance split method, connect these pins to VSS via a capacitor (0.47
30%) and connect a capacitor (0.47 30%)
between the CAPL and CAPH pins.
Note 2.
Must be 6.5 V or lower.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Absolute Maximum Ratings (TA = 25
C)
(2/3)
Parameter
Symbols
Conditions
Ratings
Unit
LCD voltage
VLI1
VL1 input voltage Note 1
-0.3 to +2.8
V
VLI2
VL2 input voltage Note 1
-0.3 to +6.5
V
VLI3
VL3 input voltage Note 1
-0.3 to +6.5
V
VLI4
VL4 input voltage Note 1
-0.3 to +6.5
V
VLI5
CAPL, CAPH input voltage Note 1
-0.3 to +6.5
V
VLO1
VL1 output voltage
-0.3 to +2.8
V
VLO2
VL2 output voltage
-0.3 to +6.5
V
VLO3
VL3 output voltage
-0.3 to +6.5
V
VLO4
VL4 output voltage
-0.3 to +6.5
V
VLO5
CAPL, CAPH output voltage
-0.3 to +6.5
V
VLO6
COM0 to COM7
SEG0 to SEG55
output voltage
External resistance division method
-0.3 to VDD + 0.3 Note 2
V
Capacitor split method
-0.3 to VDD + 0.3 Note 2
V
Internal voltage boosting method
-0.3 to VLI4 + 0.3 Note 2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com