Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 43Page - Renesas Technology Corp R5F110ME Datasheet HTML 44Page - Renesas Technology Corp R5F110ME Datasheet HTML 45Page - Renesas Technology Corp R5F110ME Datasheet HTML 46Page - Renesas Technology Corp R5F110ME Datasheet HTML 47Page - Renesas Technology Corp R5F110ME Datasheet HTML 48Page - Renesas Technology Corp R5F110ME Datasheet HTML 49Page - Renesas Technology Corp R5F110ME Datasheet HTML 50Page - Renesas Technology Corp R5F110ME Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 47 of 149
Feb 21, 2014
Note 1.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to SCKp
↓” when
DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 2.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from SCKp
↓” when
DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 3.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output becomes “from
SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 4.
C is the load capacitance of the SOp output lines.
Note 5.
The maximum transfer rate when using the SNOOZE mode is 1 Mbps.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin by using port input
mode register g (PIMg) and port output mode register g (POMg).
Remark 1. p: CSI number (p = 00, 10, 20, 30), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3),
g: PIM number (g = 0 to 3)
Remark 2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03, 10 to 13))
(4)
During communication at same potential (CSI mode) (slave mode, SCKp... external clock input)
(TA = -40 to +85 °C, 1.6 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
LS (low-speed main)
Mode
LV (low-voltage main)
Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle
time Note 5
tKCY2
2.7 V
 VDD  3.6 V
fMCK
 16 MHz
8/fMCK
——
ns
fMCK
 16 MHz
6/fMCK
6/fMCK
6/fMCK
ns
2.4 V
 VDD  3.6 V
6/fMCK
and 500
6/fMCK
and 500
6/fMCK
and 500
ns
1.8 V
 VDD  3.6 V
—
6/fMCK
and 750
6/fMCK
and 750
ns
1.6 V
 VDD  3.6 V
—
—
6/fMCK
and 1500
ns
SCKp high-/
low-level width
tKH2, tKL2
2.7 V
 VDD  3.6 V
tKCY2/2 - 8
tKCY2/2 - 8
tKCY2/2 - 8
ns
1.8 V
 VDD  3.6 V
—
tKCY2/2 - 18
tKCY2/2 - 18
ns
1.6 V
 VDD  3.6 V
—
—
tKCY1/2 - 66
ns
SIp setup time
(to SCKp
↑)
Note 1
tSIK2
2.7 V
 VDD  3.6 V
1/fMCK + 20
1/fMCK + 30
1/fMCK + 30
ns
2.4 V
 VDD  3.6 V
1/fMCK + 30
1/fMCK + 30
1/fMCK + 30
ns
1.8 V
 VDD  3.6 V
—
1/fMCK + 30
1/fMCK + 30
ns
1.6 V
 VDD  3.6 V
—
—
1/fMCK + 40
ns
SIp hold time
(from SCKp
↑)
Note 2
tKSI2
2.4 V
 VDD  3.6 V
1/fMCK + 31
1/fMCK + 31
1/fMCK + 31
ns
1.8 V
 VDD  3.6 V
—
1/fMCK + 31
1/fMCK + 31
ns
1.6 V
 VDD  3.6 V
—
—
1/fMCK + 250
ns
Delay time
from SCKp
↓ to
SOp output
Note 3
tKSO2
C = 30 pF Note 4
2.7 V
 VDD  3.6 V
2/fMCK
+ 44
2/fMCK
+ 110
2/fMCK
+ 110
ns
2.4 V
 VDD  3.6 V
2/fMCK
+ 75
2/fMCK
+ 110
2/fMCK
+ 110
ns
1.8 V
 VDD  3.6 V
—
2/fMCK
+ 110
2/fMCK
+ 110
ns
1.6 V
 VDD  3.6 V
—
—
2/fMCK
+ 220
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com