Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 94Page - Renesas Technology Corp R5F110ME Datasheet HTML 95Page - Renesas Technology Corp R5F110ME Datasheet HTML 96Page - Renesas Technology Corp R5F110ME Datasheet HTML 97Page - Renesas Technology Corp R5F110ME Datasheet HTML 98Page - Renesas Technology Corp R5F110ME Datasheet HTML 99Page - Renesas Technology Corp R5F110ME Datasheet HTML 100Page - Renesas Technology Corp R5F110ME Datasheet HTML 101Page - Renesas Technology Corp R5F110ME Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 98 of 149
Feb 21, 2014
3.3.2
Supply current characteristics
(Notes and Remarks are listed on the next page.)
(TA = -40 to +105 °C, 2.4 V VDD 3.6 V, VSS = 0 V)
(1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current Note 1
IDD1
Operating
mode
HS
(high-speed main)
mode Note 5
fHOCO = 48 MHz Note 3,
fIH = 24 MHz Note 3
Basic
operation
VDD = 3.6 V
2.2
2.9
mA
VDD = 3.0 V
2.2
2.9
Normal
operation
VDD = 3.6 V
4.4
9.2
VDD = 3.0 V
4.4
9.2
fHOCO = 24 MHz Note 3,
fIH = 24 MHz Note 3
Basic
operation
VDD = 3.6 V
2.0
2.6
VDD = 3.0 V
2.0
2.6
Normal
operation
VDD = 3.6 V
4.2
7.0
VDD = 3.0 V
4.2
7.0
fHOCO = 16 MHz Note 3,
fIH = 16 MHz Note 3
Normal
operation
VDD = 3.6 V
3.1
5.0
VDD = 3.0 V
3.1
5.0
HS
(high-speed main)
mode Note 5
fMX = 20 MHz Note 2,
VDD = 3.6 V
Normal
operation
Square wave input
3.5
5.9
mA
Resonator connection
3.6
6.0
fMX = 20 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
3.5
5.9
Resonator connection
3.6
6.0
fMX = 16 MHz Note 2,
VDD = 3.6 V
Normal
operation
Square wave input
2.9
4.5
Resonator connection
3.1
4.6
fMX = 16 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
2.9
4.5
Resonator connection
3.1
4.6
fMX = 10 MHz Note 2,
VDD = 3.6 V
Normal
operation
Square wave input
2.1
3.5
Resonator connection
2.2
3.5
fMX = 10 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
2.1
3.5
Resonator connection
2.2
3.5
HS
(High-speed main)
mode
(PLL operation)
fPLL = 48 MHz,
fCLK = 24 MHz Note 2
Normal
operation
VDD = 3.6 V
4.7
7.6
mA
VDD = 3.0 V
4.7
7.6
fPLL = 48 MHz,
fCLK = 12 MHz Note 2
Normal
operation
VDD = 3.6 V
3.1
5.2
VDD = 3.0 V
3.1
5.1
fPLL = 48 MHz,
fCLK = 6 MHz Note 2
Normal
operation
VDD = 3.6 V
2.3
3.9
VDD = 3.0 V
2.3
3.9
Subsystem clock
operation
fSUB = 32.768 kHz Note 4
TA = -40°C
Normal
operation
Square wave input
4.6
6.9
A
Resonator connection
4.7
6.9
fSUB = 32.768 kHz Note 4
TA = +25°C
Normal
operation
Square wave input
4.9
7.0
Resonator connection
5.0
7.2
fSUB = 32.768 kHz Note 4
TA = +50°C
Normal
operation
Square wave input
5.2
7.6
Resonator connection
5.2
7.7
fSUB = 32.768 kHz Note 4
TA = +70°C
Normal
operation
Square wave input
5.5
9.3
Resonator connection
5.6
9.4
fSUB = 32.768 kHz Note 4
TA = +85°C
Normal
operation
Square wave input
6.2
13.3
Resonator connection
6.2
13.4
fSUB = 32.768 kHz Note 4
TA = +105°C
Normal
operation
Square wave input
8.3
46.0
Resonator connection
8.4
46.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com