Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 60Page - Renesas Technology Corp R5F110ME Datasheet HTML 61Page - Renesas Technology Corp R5F110ME Datasheet HTML 62Page - Renesas Technology Corp R5F110ME Datasheet HTML 63Page - Renesas Technology Corp R5F110ME Datasheet HTML 64Page - Renesas Technology Corp R5F110ME Datasheet HTML 65Page - Renesas Technology Corp R5F110ME Datasheet HTML 66Page - Renesas Technology Corp R5F110ME Datasheet HTML 67Page - Renesas Technology Corp R5F110ME Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 64 of 149
Feb 21, 2014
Note 1.
The value must also be equal to or less than fMCK/4.
Note 2.
Use it with VDD
Vb.
Note 3.
Set the fMCK value to keep the hold time of SCLr = “L” and SCLr = “H”.
Caution
Select the TTL input buffer and the N-ch open drain output (VDD tolerance) mode for the SDAr pin and the N-ch
open drain output (VDD tolerance) mode for the SCLr pin by using port input mode register g (PIMg) and port
output mode register g (POMg). For VIH and VIL, see the DC characteristics with TTL input buffer selected.
(Remarks are listed on the next page.)
(10) Communication at different potential (1.8 V, 2.5 V) (simplified I2C mode)
(TA = -40 to +85 °C, 1.8 V VDD 3.6 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
LS (low-speed main)
Mode
LV (low-voltage main)
Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCLr clock
frequency
fSCL
2.7 V
 VDD  3.6 V, 2.3 V  Vb < 2.7 V,
Cb = 50 pF, Rb = 2.7 k
1000
Note 1
300 Note 1
300 Note 1
kHz
2.7 V
 VDD  3.6 V, 2.3 V  Vb <2.7 V,
Cb = 100 pF, Rb = 2.7 k
400 Note 1
300 Note 1
300 Note 1
kHz
1.8 V
 VDD < 3.3 V, 1.6 V  Vb  2.0 V Note 2,
Cb = 100 pF, Rb = 5.5 k
400 Note 1
300 Note 1
300 Note 1
kHz
Hold time
when SCLr
= “L”
tLOW
2.7 V
 VDD  3.6 V, 2.3 V  Vb < 2.7 V,
Cb = 50 pF, Rb = 2.7 k
475
1550
1550
ns
2.7 V
 VDD  3.6 V, 2.3 V  Vb <2.7 V,
Cb = 100 pF, Rb = 2.7 k
1150
1550
1550
ns
1.8 V
 VDD < 3.3 V, 1.6 V  Vb  2.0 V Note 2,
Cb = 100 pF, Rb = 5.5 k
1550
1550
1550
ns
Hold time
when SCLr
= “H”
tHIGH
2.7 V
 VDD  3.6 V, 2.3 V  Vb < 2.7 V,
Cb = 50 pF, Rb = 2.7 k
200
610
610
ns
2.7 V
 VDD  3.6 V, 2.3 V  Vb < 2.7 V,
Cb = 100 pF, Rb = 2.7 k
600
610
610
ns
1.8 V
 VDD < 3.3 V, 1.6 V  Vb  2.0 V Note 2,
Cb = 100 pF, Rb = 5.5 k
610
610
610
ns
Data setup
time
(reception)
tSU:DAT
2.7 V
 VDD  3.6 V, 2.3 V  Vb < 2.7 V,
Cb = 50 pF, Rb = 2.7 k
1/fMCK +
135 Note 3
1/fMCK +
190 Note 3
1/fMCK +
190 Note 3
ns
2.7 V
 VDD  3.6 V, 2.3 V  Vb < 2.7 V,
Cb = 100 pF, Rb = 2.7 k
1/fMCK +
190 Note 3
1/fMCK +
190 Note 3
1/fMCK +
190 Note 3
ns
1.8 V
 VDD < 3.3 V, 1.6 V  Vb  2.0 V Note 2,
Cb = 100 pF, Rb = 5.5 k
1/fMCK +
190 Note 3
1/fMCK +
190 Note 3
1/fMCK +
190 Note 3
ns
Data hold
time
(transmission)
tHD:DAT
2.7 V
 VDD  3.6 V, 2.3 V  Vb < 2.7 V,
Cb = 50 pF, Rb = 2.7 k
0
305
0
305
0
305
ns
2.7 V
 VDD  3.6 V, 2.3 V  Vb < 2.7 V,
Cb = 100 pF, Rb = 2.7 k
0
355
0
355
0
355
ns
1.8 V
 VDD < 3.3 V, 1.6 V  Vb  2.0 V Note 2,
Cb = 100 pF, Rb = 5.5 k
0
405
0
405
0
405
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com