Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 72Page - Renesas Technology Corp R5F110ME Datasheet HTML 73Page - Renesas Technology Corp R5F110ME Datasheet HTML 74Page - Renesas Technology Corp R5F110ME Datasheet HTML 75Page - Renesas Technology Corp R5F110ME Datasheet HTML 76Page - Renesas Technology Corp R5F110ME Datasheet HTML 77Page - Renesas Technology Corp R5F110ME Datasheet HTML 78Page - Renesas Technology Corp R5F110ME Datasheet HTML 79Page - Renesas Technology Corp R5F110ME Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 76 of 149
Feb 21, 2014
Note 1.
Cannot be used for lower 2 bits of ADCR register
Note 2.
Cannot be used for lower 4 bits of ADCR register
Note 3.
Excludes quantization error (
1/2 LSB).
Note 4.
Refer to 2.6.2 Temperature sensor, internal reference voltage output characteristics.
Caution
Always use AVDD pin with the same potential as the VDD pin.
(5)
When reference voltage (+) = AVDD (ADREFP1 = 0, ADREFP0 = 0), reference voltage (-) = AVSS (ADREFM =
0), conversion target: ANI16 to ANI21, internal reference voltage, temperature sensor output voltage
(TA = -40 to +85 °C, 1.6 V
 VDD  3.6 V, 1.6 V  AVDD = VDD  3.6 V, VSS = 0 V, AVSS = 0 V, Reference voltage (+) =
AVDD, Reference voltage (-) = AVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
2.4 V
 AVDD  3.6 V
8
12
bit
1.8 V
 AVDD  3.6 V
8
10 Note 1
1.6 V
 AVDD  3.6 V
8 Note 2
Overall error Note 3
AINL
12-bit resolution
2.4 V
 AVDD  3.6 V
8.5
LSB
10-bit resolution
1.8 V
 AVDD  3.6 V
6.0
8-bit resolution
1.6 V
 AVDD  3.6 V
3.5
Conversion time
tCONV
ADTYP = 0,
12-bit resolution
2.4 V
 AVDD  3.6 V
4.125
s
ADTYP = 0,
10-bit resolution Note 1
1.8 V
 AVDD  3.6 V
9.5
ADTYP = 0,
8-bit resolution Note 2
1.6 V
 AVDD  3.6 V
57.5
ADTYP = 1,
8-bit resolution
2.4 V
 AVDD  3.6 V
3.3125
1.8 V
 AVDD  3.6 V
7.875
1.6 V
 AVDD  3.6 V
54.25
Zero-scale error Note 3
EZS
12-bit resolution
2.4 V
 AVDD  3.6 V
8.0
LSB
10-bit resolution
1.8 V
 AVDD  3.6 V
5.5
8-bit resolution
1.6 V
 AVDD  3.6 V
3.0
Full-scale error Note 3
EFS
12-bit resolution
2.4 V
 AVDD  3.6 V
8.0
LSB
10-bit resolution
1.8 V
 AVDD  3.6 V
5.5
8-bit resolution
1.6 V
 AVDD  3.6 V
3.0
Integral linearity error
Note 3
ILE
12-bit resolution
2.4 V
 AVDD  3.6 V
3.5
LSB
10-bit resolution
1.8 V
 AVDD  3.6 V
2.5
8-bit resolution
1.6 V
 AVDD  3.6 V
1.5
Differential linearity error
Note 3
DLE
12-bit resolution
2.4 V
 AVDD  3.6 V
2.5
LSB
10-bit resolution
1.8 V
 AVDD  3.6 V
2.5
8-bit resolution
1.6 V
 AVDD  3.6 V
2.0
Analog input voltage
VAIN
0AVDD
V
Internal reference voltage
(2.4 V
 VDD  3.6 V, HS (high-speed main) mode)
VBGR Note 4
Temperature sensor output voltage
(2.4 V
 VDD  3.6 V, HS (high-speed main) mode)
VTMP25 Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com