Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 130Page - Renesas Technology Corp R5F110ME Datasheet HTML 131Page - Renesas Technology Corp R5F110ME Datasheet HTML 132Page - Renesas Technology Corp R5F110ME Datasheet HTML 133Page - Renesas Technology Corp R5F110ME Datasheet HTML 134Page - Renesas Technology Corp R5F110ME Datasheet HTML 135Page - Renesas Technology Corp R5F110ME Datasheet HTML 136Page - Renesas Technology Corp R5F110ME Datasheet HTML 137Page - Renesas Technology Corp R5F110ME Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 134 of 149
Feb 21, 2014
Note
Excludes quantization error (
1/2 LSB).
Caution
Always use AVDD pin with the same potential as the VDD pin.
(2)
When reference voltage (+) = AVDD (ADREFP1 = 0, ADREFP0 = 0), reference voltage (-) = AVSS (ADREFM =
0), conversion target: ANI0 to ANI6
(TA = -40 to +105 °C, 2.4 V AVDD = VDD 3.6 V, VSS = 0 V, AVSS = 0 V, Reference voltage (+) = AVDD,
Reference voltage (-) = AVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
2.4 V
AVDD 3.6 V
8
12
bit
Overall error Note
AINL
12-bit resolution
2.4 V
AVDD 3.6 V
7.5
LSB
Conversion time
tCONV
ADTYP = 0,
12-bit resolution
2.4 V
AVDD 3.6 V
3.375
s
Zero-scale error Note
EZS
12-bit resolution
2.4 V
AVDD 3.6 V
6.0
LSB
Full-scale error Note
EFS
12-bit resolution
2.4 V
AVDD 3.6 V
6.0
LSB
Integral linearity error Note
ILE
12-bit resolution
2.4 V
AVDD 3.6 V
3.0
LSB
Differential linearity error Note
DLE
12-bit resolution
2.4 V
AVDD 3.6 V
2.0
LSB
Analog input voltage
VAIN
0AVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com