Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F110ME Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # R5F110ME
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 145Page - Renesas Technology Corp R5F110ME Datasheet HTML 146Page - Renesas Technology Corp R5F110ME Datasheet HTML 147Page - Renesas Technology Corp R5F110ME Datasheet HTML 148Page - Renesas Technology Corp R5F110ME Datasheet HTML 149Page - Renesas Technology Corp R5F110ME Datasheet HTML 150Page - Renesas Technology Corp R5F110ME Datasheet HTML 151Page - Renesas Technology Corp R5F110ME Datasheet HTML 152Page - Renesas Technology Corp R5F110ME Datasheet HTML 153Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 150 / 153 page
background image
C - 1
RL78/L1C Datasheet
Rev.
Date
Description
Page
Summary
0.01
Oct 15, 2012
—
First Edition issued
1.00
Nov 18, 2013
1, 2
Modification of 1.1 Features
3, 4
Modification of 1.2 Ordering Information
5 to 8
Modification of package type in 1.3 Pin Configuration (Top View)
14 to 17
Modification of vectored interrupt sources in 1.6 Outline of Functions
14 to 17
Modification of operating ambient temperature in 1.6 Outline of Functions
19 to 21
Modification of description in tables in 2.1 Absolute Maximum Ratings
22, 23
Modification of description in 2.2 Oscillator Characteristics
25
Modification of low-level output current in 2.3.1 Pin characteristics
26
Modification of error of high-level input voltage conditions in 2.3.1 Pin
characteristics
26
Modification of error of low-level input voltage conditions in 2.3.1 Pin
characteristics
27
Modification of low-level output voltage in 2.3.1 Pin characteristics
28
Modification of error of internal pull-up resistor conditions in 2.3.1 Pin
characteristics
29 to 34
Modification of 2.3.2 Supply current characteristics
35, 36
Modification of 2.4 AC Characteristics
37, 38
Addition of minimum instruction execution time during main system clock
operation
41 to 63
Addition of LS mode and LV mode characteristics in 2.5.1 Serial array unit
64 to 66
Addition of LS mode and LV mode characteristics in 2.5.2 Serial interface IICA
67, 68
Modification of conditions in 2.5.3 USB
69
Addition of (3) BC option standard in 2.5.3 USB
70 to 75
Addition of characteristics about conversion of internal reference voltage and
temperature sensor in 2.6.1 A/D converter characteristics
76
Addition of characteristic in 2.6.4 Comparator
76
Deletion of detection delay in 2.6.5 POR circuit characteristics
78
Modification of 2.7 Power supply voltage rising slope characteristics
79 to 82
Modification of 2.8 LCD Characteristics
83
Modification of 2.9 Data Memory STOP Mode Low Supply Voltage Data
Retention Characteristics
83
Modification of 2.10 Flash Memory Programming Characteristics
84
Addition of 2.12 Timing Specs for Switching Modes
85 to 144
Addition of 3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105°C)
2.00
Feb 21, 2014
All
Addition of 85-pin product information
All
Modification from 80-pin to 80/85-pin
All
Modification from x = M, P to x = M, N, P
All
Modification from high-accuracy real-time clock to real-time clock 2
All
Modification from RTC to RTC2
1
Modification of 1.1 Features
3
Modification of 1.2 Ordering Information
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com