Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 83 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 83 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 79Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 80Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 81Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 82Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 83Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 84Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 85Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 86Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 87Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
83
Figure 17-5 Internal RCWDT Mode Releasing by External Interrupt or WDT Interrupt
Figure 17-6 Internal RCWDT Mode Releasing by RESET
17.5 Minimizing Current Consumption
The Stop mode is designed to reduce power consumption.
To minimize current drawn during Stop mode, the user
should turn-off output drivers that are sourcing or sinking
current, if it is practical.
Note: In the STOP operation, the power dissipation asso-
ciated with the oscillator and the internal hardware is low-
ered; however, the power dissipation associated with the
pin interface (depending on the external circuitry and pro-
gram) is not directly determined by the hardware operation
of the STOP feature. This point should be little current flows
when the input level is stable at the power voltage level
(VDD/VSS); however, when the input level becomes higher
RCWDT Mode
Normal Operation
Oscillator
(XI pin)
N+1
N
N+2
00
01
FE
FF
00
00
N-1
N-2
Clear Basic Interval Timer
STOP Instruction Execution
Normal Operation
Stabilization Time
tST > 20mS
Internal
Clock
External
Interrupt
BIT
Counter
Internal
RC Clock
( or WDT Interrupt )
Oscillator
(XI pin)
Internal
Clock
Internal
RC Clock
Time can not be control by software
STOP Instruction Execution
Stabilization Time
tST = 64mS @4MHz
Internal
RESET by WDT
RESET
RESET
RCWDT Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com