Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 43 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 43 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 39Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 40Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 41Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 42Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 43Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 44Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 45Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 46Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 47Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
43
10. BASIC INTERVAL TIMER
The GMS81C20xx has one 8-bit Basic Interval Timer that
is free-run, can not stop. Block diagram is shown in Figure
10-1. In addition, the Basic Interval Timer generates the
time base for watchdog timer counting. It also provides a
Basic interval timer interrupt (BITIF).
The 8-bit Basic interval timer register (BITR) is increased
every internal count pulse which is divided by prescaler.
Since prescaler has divided ratio by 8 to 1024, the count
rate is 1/8 to 1/1024 of the oscillator frequency. As the
count overflows from FFH to 00H, this overflow causes to
generate the Basic interval timer interrupt. The BITIF is in-
terrupt request flag of Basic interval timer. The Basic In-
terval Timer is controlled by the clock control register
(CKCTLR) shown in Figure 10-2.
When write "1" to bit BTCL of CKCTLR, BITR register is
cleared to "0" and restart to count-up. The bit BTCL be-
comes "0" after one machine cycle by hardware.
If the STOP instruction executed after writing "1" to bit
WAKEUP of CKCTLR, it goes into the wake-up timer
mode. In this mode, all of the block is halted except the os-
cillator, prescaler (only fXIN
÷2048) and Timer0.
If the STOP instruction executed after writing "1" to bit
RCWDT of CKCTLR, it goes into the internal RC oscillat-
ed watchdog timer mode. In this mode, all of the block is
halted except the internal RC oscillator, Basic Interval
Timer and Watchdog Timer. More detail informations are
explained in Power Saving Function. The bit WDTON de-
cides Watchdog Timer or the normal 7-bit timer.
Source clock can be selected by lower 3 bits of CKCTLR.
BITR and CKCTLR are located at same address, and ad-
dress 0ECH is read as a BITR, and written to CKCTLR.
Figure 10-1 Block Diagram of Basic Interval Timer
MUX
Basic Interval
BITR
Select Input clock 3
Basic Interval Timer
source
clock
8-bit up-counter
BTS[2:0]
BTCL
÷1024
÷512
÷256
÷128
÷64
÷32
÷16
÷8
To Watchdog timer (WDTCK)
CKCTLR
clear
overflow
Internal bus line
clock control register
[0ECH]
[0ECH]
BITIF
Read
XIN PIN
Timer Interrupt
Internal RC OSC
RCWDT
1
0
WAKEUP
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com