Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 5 Page - Hynix Semiconductor

  GMS81C2012K Datasheet HTML 1Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 2Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 3Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 4Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 5Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 6Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 7Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 8Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
5
GMS81C2012/GMS81C2020
CMOS Single-Chip 8-Bit Microcontroller
with A/D Converter & VFD Driver
1. OVERVIEW
1.1 Description
The GMS81C2012 and GMS81C2020 are advanced CMOS 8-bit microcontroller with 12K/20K bytes of ROM. These are a
powerful microcontroller which provides a highly flexible and cost effective solution to many VFD applications. These pro-
vide the following standard features: 12K/20K bytes of ROM, 448 bytes of RAM, 8-bit timer/counter, 8-bit A/D converter,
10-bit High Speed PWM Output, Programmable Buzzer Driving Port, 8-bit Basic Interval Timer, 7-bit Watch dog Timer,
Serial Peripheral Interface, on-chip oscillator and clock circuitry. They also come with high voltage I/O pins that can directly
drive a VFD (Vacuum Fluorescent Display). In addition, the GMS81C2012 and GMS81C2020 support power saving modes
to reduce power consumption.
1.2 Features
• 20K/12K bytes ROM(EPROM)
• 448 Bytes of On-Chip Data RAM
(Including STACK Area)
• Minimum Instruction Execution time:
- 1uS at 4MHz (2cycle NOP Instruction)
• One 8-bit Basic Interval Timer
• One 7-bit Watch Dog Timer
• Two 8-bit Timer/Counters
• 10-bit High Speed PWM Output
• One 8-bit Serial Peripheral Interface
• Two External Interrupt Ports
• One Programmable 6-bit Buzzer Driving Port
• 60 I/O Lines
- 56 Programmable I/O pins
(Included 30 high-voltage pins Max. 40V)
- Three Input Only pins: 1 high-voltage pin
- One Output Only pin
• Eight Interrupt Sources
- Two External Sources (INT0, INT1)
- Two Timer/Counter Sources (Timer0, Timer1)
- Four Functional Sources (SPI,ADC,WDT,BIT)
• 12-Channel 8-bit On-Chip Analog to Digital
Converter
• Oscillator:
- Crystal
- Ceramic Resonator
- External R Oscillator
• Low Power Dissipation Modes
- STOP mode
- Wake-up Timer Mode
- Standby Mode
- Watch Mode
- Sub-active Mode
• Operating Voltage: 2.7V ~ 5.5V (at 4.5MHz)
• Operating Frequency: 1MHz ~ 4.5MHz
• Sub-clock: 32.768KHz Crystal Oscillator
• Enhanced EMS Improvement
Power Fail Processor
(Noise Immunity Circuit)
Device name
ROM Size
RAM Size
OTP
Package
GMS81C2012
12K bytes
448 bytes
-
64SDIP, 64MQFP,
64LQFP
GMS81C2020
20K bytes
GMS87C2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More