Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 61 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 61 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 57Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 58Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 59Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 60Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 61Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 62Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 63Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 64Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 65Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
61
Figure 12-13 Example of PWM at 4MHz
Figure 12-14 Example of Changing the Period in Absolute Duty Cycle (@4MHz)
Source
T1
PWM1O
02
03
04
05
7F
80
81
02
03
[POL=1]
PWM1O
[POL=0]
Duty Cycle [ 80H x 250nS = 32uS ]
Period Cycle [ 3FFH x 250nS = 255.75uS, 3.9KHz ]
PWM1HR = 0CH
T1PPR = FFH
T1PDR = 80H
T1CK[1:0] = 00 ( fXI )
PWM1HR3 PWM1HR2
PWM1HR1 PWM1HR0
T1PPR (8-bit)
T1PDR (8-bit)
Period
Duty
11
FFH
00
80H
01
00
clock
PWM1E
T1ST
T1CN
01
00
3FF
Source
T1
PWM1O
POL=1
Duty Cycle
Period Cycle [ 0EH x 2uS = 28uS, 35.5KHz ]
PW M 1 HR = 0 0H
T 1 PPR = 0 E H
T 1 PDR = 0 5H
T1C K [1:0] = 10 ( 1uS )
02
03
04
05
06
08
09
0B 0C 0D 0E
01 02
03
04
05
06 07
08
09
0A
01 02
03 04
07
0A
05
[ 05H x 2uS = 10uS ]
Duty Cycle
[ 05H x 2uS = 10uS ]
Period Cycle [ 0AH x 2uS = 20uS, 50KHz ]
Duty Cycle
[ 05H x 2uS = 10uS ]
Write T1PPR to 0AH
Period changed
clock
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com