Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 56 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 56 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 52Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 53Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 54Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 55Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 56Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 57Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 58Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 59Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 60Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
56
MAR. 2000 Ver 1.00
.
Figure 12-8 8-bit Capture Mode
INT0IF
0: Stop
1: Clear and start
T0ST
INT0
INTERRUPT
T0CN
CDR0 (8-bit)
T0 (8-bit)
“01”
“10”
“11”
Capture
IEDS[1:0]
EC0 PIN
÷2
÷4
÷8
XIN PIN
MUX
T0CK[2:0]
111
000
001
010
MUX
T1CK[1:0]
11
00
01
÷1
÷2
÷8
÷
÷
÷512
÷2048
011
100
101
110
10
INT0 PIN
INT1IF
0: Stop
1: Clear and start
T1ST
INT1
INTERRUPT
T1CN
CDR1 (8-bit)
T1 (8-bit)
“01”
“10”
“11”
Capture
IEDS[1:0]
INT1 PIN
BTCL
765
432
10
-
-T0CN
INITIAL VALUE: --000000B
ADDRESS: 0D0H
TM0
T0ST
T0CK0
T0CK1
CAP0 T0CK2
--
X
X
X
X
X means don’t care
INITIAL VALUE: 00H
ADDRESS: 0D2H
TM1
X means don’t care
1X
BTCL
765
432
10
16BIT
POL
T1CN T1ST
T1CK0
T1CK1
PWM1E
CAP1
X0
X
X
X
X
01
Edge
Detector
clear
clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com