Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 10Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 11Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 12Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 13Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 14Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 15Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 16Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 17Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
14
MAR. 2000 Ver 1.00
PIN NAME
In/Out
Function
Basic
Alternate
VDD
-
Supply voltage
VSS
-
Circuit ground
RA (Vdisp)
I(I)
1-bit high-voltage Input only port
High-voltage input power supply pin
RESET
I
Reset signal input
XIN
I
Oscillation input
XOUT
O
Oscillation output
SXIN(R74)
I
Sub Oscillation input
General I/O ports
SXOUT(R75)
O
Sub Oscillation output
R00 (INT0)
I/O (I)
8-bit high-voltage I/O ports
External interrupt 0 input
R01 (INT1)
I/O (I)
External interrupt 1 input
R02 (EC0)
I/O (I)
Timer/Counter 0 external input
R03 (BUZO)
I/O (O)
Buzzer driving output
R04~R07
I/O
R10~R17
I/O
8-bit high-voltage I/O ports
R20~R27
I/O
8-bit high-voltage I/O ports
R30~R35
I/O
6-bit high-voltage I/O ports
R40 (T0O)
I/O (O)
4-bit general I/O ports
Timer/Counter 0 output
R41~R43
I/O
R50~R52
I/O
8-bit general I/O ports
R53 (SCLK)
I/O (I/O)
Serial clock source
R54 (SIN)
I/O (I)
Serial data input
R55 (SOUT)
I/O (O)
Serial data output
R56 (PWM1O/T1O)
I/O (O)
PWM 1 pulse output /Timer/Counter 1 out-
put
R57
I/O
R60~R67 (AN0~AN7)
I/O (I)
8-bit general I/O ports
Analog voltage input
R70~R73
(AN8~AN11)
I/O (I)
4-bit general I/O ports
AVDD
-
Supply voltage input pin for ADC
AVSS
-
Ground level input pin for ADC
VDD
-
Supply voltage
VSS
-
Circuit ground
Table 5-1 GMS81C2020 Port Function Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com