Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 40Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 41Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 42Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 43Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 44Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 45Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 46Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 47Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
44
MAR. 2000 Ver 1.00
Table 10-1 Basic Interval Timer Interrupt Time
Figure 10-2 BITR: Basic Interval Timer Mode Register
Example 1:
Basic Interval Timer Interrupt request flag is generated
every 4.096ms at 4MHz.
:
LDM
CKCTLR,#03H
SET1
BITE
EI
:
Example 2:
Basic Interval Timer Interrupt request flag is generated
every 1.024ms at 4MHz.
:
LDM
CKCTLR,#01H
SET1
BITE
EI
:
CKCTLR
[2:0]
Source clock
Interrupt (overflow) Period (ms)
@ fXIN = 4MHz
000
001
010
011
100
101
110
111
fXIN÷8
fXIN÷16
fXIN÷32
fXIN÷64
fXIN÷128
fXIN÷256
fXIN÷512
fXIN÷1024
0.512
1.024
2.048
4.096
8.192
16.384
32.768
65.536
BTCL
76
54
32
10
RCWDT
-
BTS1
Basic Interval Timer source clock select
000: fXIN ÷ 8
001: fXIN ÷ 16
010: fXIN ÷ 32
011: fXIN ÷ 64
100: fXIN ÷ 128
101: fXIN ÷ 256
110: fXIN ÷ 512
111: fXIN ÷ 1024
Clear bit
0: Normal operation (free-run)
1: Clear 8-bit counter (BITR) to “0”. This bit becomes 0 automatically
INITIAL VALUE: -001 0111B
ADDRESS: 0ECH
after one machine cycle, and starts counting.
CKCTLR
INITIAL VALUE: Undefined
ADDRESS: 0ECH
BITR
Both register are in same address,
when write, to be a CKCTLR,
when read, to be a BITR.
Caution:
8-BIT FREE-RUN BINARY COUNTER
WDTON
BTS0
BTS2
BTCL
BTCL
76
54
32
10
0: Operate as a 7-bit general timer
1: Enable Watchdog Timer operation
See the section “Watchdog Timer”.
WAKEUP
0: Disable Wake-up Timer
1: Enable Wake-up Timer
0: Disable Internal RC Watchdog Timer
1: Enable Internal RC Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com