Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 45 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 45 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 41Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 42Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 43Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 44Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 45Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 46Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 47Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 48Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 49Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
45
11. WATCHDOG TIMER
The watchdog timer rapidly detects the CPU malfunction
such as endless looping caused by noise or the like, and re-
sumes the CPU to the normal state.
The watchdog timer signal for detecting malfunction can
be selected either a reset CPU or a interrupt request.
When the watchdog timer is not being used for malfunc-
tion detection, it can be used as a timer to generate an in-
terrupt at fixed intervals. The purpose of the watchdog
timer is to detect the malfunction (runaway) of program
due to external noise or other causes and return the opera-
tion to the normal condition.
The watchdog timer has two types of clock source.
The first type is an on-chip RC oscillator which does not
require any external components. This RC oscillator is sep-
arate from the external oscillator of the Xin pin. It means
that the watchdog timer will run, even if the clock on the
Xin pin of the device has been stopped, for example, by en-
tering the STOP mode.
The other type is a prescaled system clock.
The watchdog timer consists of 7-bit binary counter and
the watchdog timer data register. When the value of 7-bit
binary counter is equal to the lower 7 bits of WDTR, the
interrupt request flag is generated. This can be used as
WDT interrupt or reset the CPU in accordance with the bit
WDTON.
Note: Because the watchdog timer counter is enabled af-
ter clearing Basic Interval Timer, after the bit WDTON set to
"1", maximum error of timer is depend on prescaler ratio of
Basic Interval Timer. The 7-bit binary counter is cleared by
setting WDTCL(bit7 of WDTR) and the WDTCL is cleared
automatically after 1 machine cycle.
The RC oscillated watchdog timer is activated by setting
the bit RCWDT as shown below.
LDM
CKCTLR,#3FH; enable the RC-osc WDT
LDM
WDTR,#0FFH; set the WDT period
STOP
; enter the STOP mode
NOP
NOP
; RC-osc WDT running
:
The RCWDT oscillation period is vary with temperature,
VDD and process variations from part to part (approxi-
mately, 40~120uS). The following equation shows the
RCWDT oscillated watchdog timer time-out.
T RCW DT=C LK RCWDT×28×[W D TR .6~0]+ (C LK RCWDT×28)/2
w h ere, C L K RCW DT = 40~120uS
In addition, this watchdog timer can be used as a simple 7-
bit timer by interrupt WDTIF. The interval of watchdog
timer interrupt is decided by Basic Interval Timer. Interval
equation is as below.
TWDT = [WDTR.6~0] ×
××× Interval of BIT
Figure 11-1 Block Diagram of Watchdog Timer
to reset CPU
BASIC INTERVAL TIMER
Count
enable
Watchdog
7-bit compare data
comparator
Watchdog Timer interrupt
clear
clear
WDTIF
Counter (7-bit)
WDTCL
“0”
“1”
WDTON in CKCTLR [0ECH]
OVERFLOW
Watchdog Timer
Register
WDTR
Internal bus line
7
[0EDH]
source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com