Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 92 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 92 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 88Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 89Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 90Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 91Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 92Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 93Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 94Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 95Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 96Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
92
MAR. 2000 Ver 1.00
Figure 21-4 Timing Diagram in READ Mode
Parameter
Symbol
MIN
TYP
MAX
Unit
Programming Supply Current
IVPP
--
50
mA
Supply Current in EPROM Mode
IVDDP
--
20
mA
VPP Level during Programming
VIHP
11.5
12.0
12.5
V
VDD Level in Program Mode
VDD1H
56
6.5
V
VDD Level in Read Mode
VDD2H
-2.7
-
V
CTL3~0 High Level in EPROM Mode
VIHC
0.8VDD
--
V
CTL3~0 Low Level in EPROM Mode
VILC
--
0.2VDD
V
A_D7~A_D0 High Level in EPROM Mode
VIHAD
0.9VDD
--
V
A_D7~A_D0 Low Level in EPROM Mode
VILAD
--
0.1VDD
V
VDD Saturation Time
TVDDS
1-
-
mS
VPP Setup Time
TVPPR
--
1
mS
VPP Saturation Time
TVPPS
1-
-
mS
EPROM Enable Setup Time after Data Input
TSET1
200
nS
EPROM Enable Hold Time after TSET1
THLD1
500
nS
Table 21-2 AC/DC Requirements for Program/Read Mode
VPP
CTL0/1
High 8bit
HA
LA
DATA
LA
DATA
DATA
EPROM
Enable
CTL2
CTL3
A_D7~
VDD
VDD2H
0V
0V
0V
Address
Input
Low 8bit
Address
Input
DATA
A_D0
TVDDS
TVPPR
TVPPS
VDD2H
VDD2H
VIHP
THLD1
THLD2
TSET1
TDLY1
TDLY2
TCD1
TCD2
TCD2
TCD1
HA
LA
Output
Low 8bit
Address
Input
High 8bit
Address
Input
Low 8bit
Address
Input
DATA
Output
DATA
Output
After input a high address,
output data following low address input
Anothe high address step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com