Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 59 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 59 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 55Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 56Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 57Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 58Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 59Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 60Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 61Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 62Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 63Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
59
Example 1:
Timer0 = 16-bit timer mode, 0.5s at 4MHz
LDM
TM0,#0000_1111B;8uS
LDM
TM1,#0100_1100B;16bit Mode
LDM
TDR0,#<62500
;8uS X 62500
LDM
TDR1,#>62500
;=0.5s
SET1
T0E
EI
:
:
Example 2:
Timer0 = 16-bit event counter mode
LDM
R0FUNC,#0000_0100B;EC0 Set
LDM
TM0,#0001_1111B;Counter Mode
LDM
TM1,#0100_1100B;16bit Mode
LDM
TDR0,#<0FFH
;
LDM
TDR1,#>0FFH
;
SET1
T0E
EI
:
:
Example 3:
Timer0 = 16-bit capture mode
LDM
R0FUNC,#0000_0001B;INT0 set
LDM
TM0,#0010_1111B;Capture Mode
LDM
TM1,#0100_1100B;16bit Mode
LDM
TDR0,#<0FFH
;
LDM
TDR1,#>0FFH
;
LDM
IEDS,#01H;Falling Edge
SET1
T0E
EI
:
:
12.6 PWM Mode
The GMS81C2020 has a high speed PWM (Pulse Width
Modulation) functions which shared with Timer1.
In PWM mode, pin R56/PWM1O/T1O outputs up to a 10-
bit resolution PWM output. This pin should be configured
as a PWM output by setting "1" bit PWM1O in R5FUNC.6
register.
The period of the PWM output is determined by the
T1PPR (PWM1 Period Register) and PWM1HR[3:2]
(bit3,2 of PWM1 High Register) and the duty of the PWM
output is determined by the T1PDR (PWM1 Duty Regis-
ter) and PWM1HR[1:0] (bit1,0 of PWM1 High Register).
The user writes the lower 8-bit period value to the T1PPR
and the higher 2-bit period value to the PWM1HR[3:2].
An d writes d u t y v a lu e to th e T1 P D R an d th e
PWM1HR[1:0] same way.
The T1PDR is configured as a double buffering for glitch-
less PWM output. In Figure 12-12, the duty data is trans-
ferred from the master to the slave when the period data
matched to the counted value. (i.e. at the beginning of next
duty cycle)
PWM Period = [PWM1HR[3:2]T1PPR] X Source Clock
PWM Duty
= [PWM1HR[1:0]T1PDR] X Source Clock
The relation of frequency and resolution is in inverse pro-
portion. Table 12-2 shows the relation of PWM frequency
vs. resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com