Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81C2012K Datasheet(PDF) 42 Page - Hynix Semiconductor

Part # GMS81C2012K
Description  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K Datasheet(HTML) 42 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 38Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 39Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 40Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 41Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 42Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 43Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 44Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 45Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 46Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
42
MAR. 2000 Ver 1.00
R7 and R7IO register: R7 is a 4-bit bidirectional I/O port
(address 0CEH). Each port can be set individually as input
and output through the R7IO register (address 0CFH).
R73~R70 ports are multiplexed with Analog Input Port
AN8~AN11). R74, R75 ports are alternate function of
SXI, SXO ports
. R74, R75 ports can be set individually as
input and output through the R7IO register.
The control register R7FUNC (address 0F8H) controls to
select alternate function. After reset, this value is "0", port
may be used as general I/O ports. To select alternate func-
tion such as Analog Input, write "1" to the corresponding
bit of R7FUNC. Regardless of the direction register R7IO,
R7FUNC is selected to use as alternate functions, port pin
can be used as a corresponding alternate features.
Port Pin
Alternate Function
R70
R71
R72
R73
SXI
SXO
AN8 (ADC input 8)
AN9 (ADC input 9)
AN10 (ADC input 10)
AN11 (ADC input 11)
R74(included Internal Pull-up Resister)
R75(included Internal Pull-up Resister)
R7 Function Selection Register
R7FUNC
ADDRESS : 0F8H
RESET VALUE : ----0000B
0: R70
1: AN8
0
0: R71
1: AN9
0: R73
1: AN11
0: R72
1: AN10
1
2
3
R7 Direction Register
R7IO
ADDRESS : 0CFH
RESET VALUE : --000000B
Port Direction
0: Input
1: Output
R6 Data Register
R7
ADDRESS: 0CEH
RESET VALUE: Undefined
R73 R72 R71 R70
Input / Output data
-
-
-
-
-
-
-
-
R74
R75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com