Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 78 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 78 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 74Page - STMicroelectronics UPSD3312D Datasheet HTML 75Page - STMicroelectronics UPSD3312D Datasheet HTML 76Page - STMicroelectronics UPSD3312D Datasheet HTML 77Page - STMicroelectronics UPSD3312D Datasheet HTML 78Page - STMicroelectronics UPSD3312D Datasheet HTML 79Page - STMicroelectronics UPSD3312D Datasheet HTML 80Page - STMicroelectronics UPSD3312D Datasheet HTML 81Page - STMicroelectronics UPSD3312D Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
I/O ports of MCU module
UPSD33xx
78/272
Doc ID 9685 Rev 7
Reading port pin vs. reading port latch
When firmware reads the GPIO ports, sometimes the actual port pin is sampled in
hardware, and sometimes the port SFR latch is read and not the actual pin, depending on
the type of MCU instruction used. These two data paths are shown in Figure 16 through
Figure 18 on page 80. SFR latches are read (and not the pins) only when the read is part of
a read-modify-write instruction and the write destination is a bit or bits in a port SFR. These
instructions are: ANL, ORL, XRL, JBC, CPL, INC, DEC, DJNZ, MOV, CLR, and SETB. All
other types of reads to port SFRs will read the actual pin logic level and not the port latch.
This is consistent with 8051 architecture.
Figure 15.
MCU module port pin function routing
8
P3
P1
P4
M
C
U
A
D
M
C
U
A
GPIO (8)
UART0 (2)
TIMER0/1 (4)
I
2
C (2)
GPIO (8)
GPIO (8)
TIMER2 (2)
UART1 (2)
SPI (4)
ADC (8)
PCA (8)
8032 MCU
CORE
Low Addr & Data[7:0]
8
Hi Address [11:8]
4
Hi Address [15:12]
Available on PSD
Module Pins
MCU Module
4
On 80-pin
Devices
Only
Ports
C
N
T
L
RD, WR, PSEN, ALE
4
SFR
8
8
SFR
SFR
SFR
SFR
SFR
AI09199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com