Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312D Datasheet(PDF) 11 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 7Page - STMicroelectronics UPSD3312D Datasheet HTML 8Page - STMicroelectronics UPSD3312D Datasheet HTML 9Page - STMicroelectronics UPSD3312D Datasheet HTML 10Page - STMicroelectronics UPSD3312D Datasheet HTML 11Page - STMicroelectronics UPSD3312D Datasheet HTML 12Page - STMicroelectronics UPSD3312D Datasheet HTML 13Page - STMicroelectronics UPSD3312D Datasheet HTML 14Page - STMicroelectronics UPSD3312D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
List of tables
Doc ID 9685 Rev 7
11/272
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 3.
Port type and voltage source combinations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 4.
Register bank select addresses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Table 5.
SFR memory map with direct address and reset value . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Table 6.
Arithmetic instruction set. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 7.
Logical instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Table 8.
Data transfer instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Table 9.
Boolean variable manipulation instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Table 10.
Program branching instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 11.
Miscellaneous instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 12.
Notes on instruction set and addressing modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 13.
DPTC: Data Pointer Control register (SFR 85h, reset value 00h) . . . . . . . . . . . . . . . . . . . 56
Table 14.
DPTC register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Table 15.
DPTM: Data Pointer Mode register (SFR 86h, reset value 00h). . . . . . . . . . . . . . . . . . . . . 57
Table 16.
DPTM register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Table 17.
8051 assembly code example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Table 18.
Interrupt summary. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Table 19.
IE: Interrupt Enable register (SFR A8h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 20.
IE register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 21.
IEA: Interrupt Enable Addition register (SFR A7h, reset value 00h) . . . . . . . . . . . . . . . . . . 65
Table 22.
IEA register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 23.
IP: Interrupt Priority register (SFR B8h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 24.
IP register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 25.
IPA: Interrupt Priority Addition register (SFR B7h, reset value 00h) . . . . . . . . . . . . . . . . . . 66
Table 26.
IPA register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 27.
CCON0: Clock Control register (SFR F9h, reset value 10h) . . . . . . . . . . . . . . . . . . . . . . . 69
Table 28.
CCON0 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Table 29.
MCU module port and peripheral status during reduced power modes . . . . . . . . . . . . . . . 72
Table 30.
State of 8032 MCU bus Signals during Power-down and Idle modes . . . . . . . . . . . . . . . . 72
Table 31.
PCON: Power Control register (SFR 87h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . 72
Table 32.
PCON register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Table 33.
P1: I/O Port 1 register (SFR 90h, reset value FFh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Table 34.
P1 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Table 35.
P3: I/O Port 3 register (SFR B0h, reset value FFh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Table 36.
P3 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Table 37.
P4: I/O Port 4 register (SFR C0h, reset value FFh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Table 38.
P4 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Table 39.
P3SFS: Port 3 Special Function Select register (SFR 91h, reset value 00h) . . . . . . . . . . . 83
Table 40.
P3SFS register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Table 41.
P1SFS0: Port 1 Special Function Select 0 register (SFR 8Eh, reset value 00h) . . . . . . . . 83
Table 42.
P1SFS1: Port 1 Special Function Select 1 register (SFR 8Fh, reset value 00h) . . . . . . . . 83
Table 43.
P1SFS0 and P1SFS1 details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Table 44.
P4SFS0: Port 4 Special Function Select 0 register (SFR 92h, reset value 00h) . . . . . . . . 84
Table 45.
P4SFS1: Port 4 Special Function Select 1 register (SFR 93h, reset value 00h) . . . . . . . . 84
Table 46.
P4SFS0 and P4SFS1 details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Table 47.
BUSCON: Bus Control register (SFR 9Dh, reset value EBh) . . . . . . . . . . . . . . . . . . . . . . . 87
Table 48.
BUSCON register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com