Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 55 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 55 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 51Page - STMicroelectronics UPSD3312DV Datasheet HTML 52Page - STMicroelectronics UPSD3312DV Datasheet HTML 53Page - STMicroelectronics UPSD3312DV Datasheet HTML 54Page - STMicroelectronics UPSD3312DV Datasheet HTML 55Page - STMicroelectronics UPSD3312DV Datasheet HTML 56Page - STMicroelectronics UPSD3312DV Datasheet HTML 57Page - STMicroelectronics UPSD3312DV Datasheet HTML 58Page - STMicroelectronics UPSD3312DV Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
UPSD33xx instruction set summary
Doc ID 9685 Rev 7
55/272
Table 11.
Miscellaneous instruction set
Table 12.
Notes on instruction set and addressing modes
CJNE
Rn, #data, rel
Compare immediate to
register, jump if not
equal
3 byte/2 cycle
CJNE
@Ri, #data, rel
Compare immediate to
indirect, jump if not
equal
3 byte/2 cycle
DJNZ
Rn, rel
Decrement register and
jump if not zero
2 byte/2 cycle
DJNZ
direct, rel
Decrement direct byte
and jump if not zero
3 byte/2 cycle
1.
All mnemonics copyrighted ©Intel Corporation 1980.
Mnemonic(1)
and use
1.
All mnemonics copyrighted ©Intel Corporation 1980.
Description
Length/cycles
NOP
No operation
1 byte/1 cycle
Rn
Register R0 - R7 of the currently selected register bank.
direct
8-bit address for internal 8032 DATA SRAM (locations 00h - 7Fh) or SFR registers
(locations 80h - FFh).
@Ri
8-bit internal 8032 SRAM (locations 00h - FFh) addressed indirectly through contents of
R0 or R1.
#data
8-bit constant included within the instruction.
#data16 16-bit constant included within the instruction.
addr16
16-bit destination address used by LCALL and LJMP.
addr11
11-bit destination address used by ACALL and AJMP.
rel
Signed (two-s compliment) 8-bit offset byte.
bit
Direct addressed bit in internal 8032 DATA SRAM (locations 20h to 2Fh) or in SFR
registers (88h, 90h, 98h, A8h, B0, B8h, C0h, C8h, D0h, D8h, E0h, F0h).
Table 10.
Program branching instruction set (continued)
Mnemonic(1)
and use
Description
Length/cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com