Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 96 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 96 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 92Page - STMicroelectronics UPSD3312DV Datasheet HTML 93Page - STMicroelectronics UPSD3312DV Datasheet HTML 94Page - STMicroelectronics UPSD3312DV Datasheet HTML 95Page - STMicroelectronics UPSD3312DV Datasheet HTML 96Page - STMicroelectronics UPSD3312DV Datasheet HTML 97Page - STMicroelectronics UPSD3312DV Datasheet HTML 98Page - STMicroelectronics UPSD3312DV Datasheet HTML 99Page - STMicroelectronics UPSD3312DV Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Standard 8032 timer/counters
UPSD33xx
96/272
Doc ID 9685 Rev 7
20.3
SFR, TCON
Timer 0 and Timer 1 share the SFR, TCON, that controls these timers and provides
information about them. See Table 54 on page 95.
Bits IE0 and IE1 are not related to Timer/Counter functions, but they are set by hardware
when a signal is active on one of the two external interrupt pins, EXTINT0 and EXTINT1. For
system information on all of these interrupts, see Table 18 on page 62, Interrupt Summary.
Bits IT0 and IT1 are not related to Timer/Counter functions, but they control whether or not
the two external interrupt input pins, EXTINT0 and EXTINT1 are edge or level triggered.
20.4
SFR, TMOD
Timer 0 and Timer 1 have four modes of operation controlled by the SFR named TMOD
(Table 56 on page 97).
20.5
Timer 0 and Timer 1 operating modes
The “Timer” or “Counter” function is selected by the C/T control bits in TMOD. The four
operating modes are selected by bit-pairs M[1:0] in TMOD. Modes 0, 1, and 2 are the same
for both Timer/Counters. Mode 3 is different.
20.5.1
Mode 0
Putting either Timer/Counter into mode 0 makes it an 8-bit Counter with a divide-by-32 pre-
scaler. Figure 21 on page 98 shows mode 0 operation as it applies to Timer 1 (same applies
to Timer 0).
In this mode, the Timer register is configured as a 13-bit register. As the count rolls over
from all '1s' to all '0s,' it sets the Timer Interrupt flag TF1. The counted input is enabled to the
Timer when TR1 = 1 and either GATE = 0 or EXTINT1 = 1. (Setting GATE = 1 allows the
Timer to be controlled by external input pin, EXTINT1, to facilitate pulse width
measurements). TR1 is a control bit in the SFR, TCON. GATE is a bit in the SFR, TMOD.
The 13-bit register consists of all 8 bits of TH1 and the lower 5 bits of TL1. The upper 3 bits
of TL1 are indeterminate and should be ignored. Setting the run flag, TR1, does not clear
the registers.
Mode 0 operation is the same for the Timer 0 as for Timer 1. Substitute TR0, TF0, C0, TL0,
TH0, and EXTINT0 for the corresponding Timer 1 signals in Figure 21 on page 98. There
are two different GATE Bits, one for Timer 1 and one for Timer 0.
20.5.2
Mode 1
Mode 1 is the same as mode 0, except that the Timer register is being run with all 16 bits.
20.5.3
Mode 2
Mode 2 configures the Timer register as an 8-bit Counter (TL1) with automatic reload, as
shown in Figure 22 on page 98. Overflow from TL1 not only sets TF1, but also reloads TL1
with the contents of TH1, which is preset with firmware. The reload leaves TH1 unchanged.
Mode 2 operation is the same for Timer/Counter 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com