Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 41 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 37Page - STMicroelectronics UPSD3312DV Datasheet HTML 38Page - STMicroelectronics UPSD3312DV Datasheet HTML 39Page - STMicroelectronics UPSD3312DV Datasheet HTML 40Page - STMicroelectronics UPSD3312DV Datasheet HTML 41Page - STMicroelectronics UPSD3312DV Datasheet HTML 42Page - STMicroelectronics UPSD3312DV Datasheet HTML 43Page - STMicroelectronics UPSD3312DV Datasheet HTML 44Page - STMicroelectronics UPSD3312DV Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
Special function registers (SFR)
Doc ID 9685 Rev 7
41/272
Table 5.
SFR memory map with direct address and reset value
SFR
addr
(hex)
SFR
name
Bit name and <Bit Address>
Reset
value
(hex)
Reg. descr.
with link
7
654
3
2
1
0
80
RESERVED
81
SP
SP[7:0]
07
Section 7.1
on page 37
82
DPL
DPL[7:0]
00
Section 7.2
on page 37
83
DPH
DPH[7:0]
00
84
RESERVED
85
DPTC
–
AT
–
–
–
DPSEL[2:0]
00
Table 13 on
page 56
86
DPTM
–
–
–
–
MD1[1:0]
MD0[1:0]
00
Table 15 on
page 57
87
PCON
SMOD0
SMOD1
–
POR
RCLK1
TCLK1
PD
IDLE
00
Table 31 on
page 72
88(1)
TCON
TF1
<8Fh>
TR1
<8Eh>
TF0
<8Dh>
TR0
<8Ch>
IE1
<8Bh>
IT1
<8Ah>
IE0
<89h>
IT0
<88h>
00
Table 54 on
page 95
89
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00
Table 56 on
page 97
8A
TL0
TL0[7:0]
00
Section 20.1
on page 94
8B
TL1
TL1[7:0]
00
8C
TH0
TH0[7:0]
00
8D
TH1
TH1[7:0]
00
8E
P1SFS0
P1SFS0[7:0]
00
Table 41 on
page 83
8F
P1SFS1
P1SFS1[7:0]
00
Table 42 on
page 83
90(1)
P1
P1.7
<97h>
P1.6
<96h>
P1.5
<95h>
P1.4
<94h>
P1.3
<93h>
P1.2
<92h>
P1.1
<91h>
P1.0
<90h>
FF
Table 33 on
page 80
91
P3SFS
P3SFS[7:0]
00
Table 39 on
page 83
92
P4SFS0
P4SFS0[7:0]
00
Table 44 on
page 84
93
P4SFS1
P4SFS1[7:0]
00
Table 45 on
page 84
94
ADCPS
–
–
–
–
ADCCE
ADCPS[2:0]
00
Table 95 on
page 152
95
ADAT0
ADATA[7:0]
00
Table 96 on
page 152
96
ADAT1
–
–
–
–
–
–
ADATA[9:8]
00
Table 97 on
page 152
97
ACON
AINTF
AINTEN
ADEN
ADS[2:0]
ADST
ADSF
00
Table 93 on
page 151
98(1)
SCON0
SM0
<9Fh>
SM1
<9Eh>
SM2
<9Dh>
REN
<9Ch>
TB8
<9Bh>
RB8
<9Ah>
TI
<99h>
RI
<9h8>
00
Table 63 on
page 108
99
SBUF0
SBUF0[7:0]
00
Figure 24 on
page 104
9A
RESERVED
9B
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com