Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 40 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 36Page - STMicroelectronics UPSD3312DV Datasheet HTML 37Page - STMicroelectronics UPSD3312DV Datasheet HTML 38Page - STMicroelectronics UPSD3312DV Datasheet HTML 39Page - STMicroelectronics UPSD3312DV Datasheet HTML 40Page - STMicroelectronics UPSD3312DV Datasheet HTML 41Page - STMicroelectronics UPSD3312DV Datasheet HTML 42Page - STMicroelectronics UPSD3312DV Datasheet HTML 43Page - STMicroelectronics UPSD3312DV Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Special function registers (SFR)
UPSD33xx
40/272
Doc ID 9685 Rev 7
8
Special function registers (SFR)
A group of registers designated as Special Function register (SFR) is shown in Table 5 on
page 41. SFRs control the operating modes of the MCU core and also control the peripheral
interfaces and I/O pins on the MCU module. The SFRs can be accessed only by using the
Direct Addressing method within the address range from 80h to FFh of internal 8032 SRAM.
Sixteen addresses in SFR address space are both byte- and bit-addressable. The bit-
addressable SFRs are noted in Table 5.
86 of a possible 128 SFR addresses are occupied. The remaining unoccupied SFR
addresses (designated as “RESERVED” in Table 5) should not be written. Reading
unoccupied locations will return an undefined value.
Note:
There is a separate set of control registers for the PSD module, designated as csiop, and
they are described in the Section 27: PSD module on page 164. The I/O pins, PLD, and
other functions on the PSD module are NOT controlled by SFRs.
SFRs are categorized as follows:
●
MCU core registers: IP, A, B, PSW, SP, DPTL, DPTH, DPTC, DPTM
●
MCU module I/O port registers: P1, P3, P4, P1SFS0, P1SFS1, P3SFS, P4SFS0,
P4SFS1
●
Standard 8032 timer registers: TCON, TMOD, T2CON, TH0, TH1, TH2, TL0, TL1, TL2,
RCAP2L, RCAP2H
●
Standard serial interfaces (UART): SCON0, SBUF0, SCON1, SBUF1
●
Power, clock, and bus timing registers: PCON, CCON0, BUSCON
●
Hardware watchdog timer registers: WDKEY, WDRST
●
Interrupt system registers: IP, IPA, IE, IEA
●
Program counter array (PCA) control registers: PCACL0, PCACH0, PCACON0,
PCASTA, PCACL1, PCACH1, PCACON1, CCON2, CCON3
●
PCA capture/compare and PWM registers
CAPCOML0, CAPCOMH0, TCMMODE0, CAPCOML1, CAPCOMH1, TCMMODE2,
CAPCOML2, CAPCOMH2, TCMMODE2, CAPCOML3, CAPCOMH3, TCMMODE3,
CAPCOML4, CAPCOMH4, TCMMODE4, CAPCOML5, CAPCOMH5, TCMMODE5,
PWMF0, PMWF1
●
SPI interface registers: SPICLKD, SPISTAT, SPITDR, SPIRDR, SPICON0, SPICON1
●
I2C interface registers: S1SETUP, S1CON, S1STA, S1DAT, S1ADR
●
Analog-to-digital converter registers: ACON, ADCPS, ADAT0, ADAT1
●
IrDA interface register: IRDACON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com