Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 34 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 30Page - STMicroelectronics UPSD3312DV Datasheet HTML 31Page - STMicroelectronics UPSD3312DV Datasheet HTML 32Page - STMicroelectronics UPSD3312DV Datasheet HTML 33Page - STMicroelectronics UPSD3312DV Datasheet HTML 34Page - STMicroelectronics UPSD3312DV Datasheet HTML 35Page - STMicroelectronics UPSD3312DV Datasheet HTML 36Page - STMicroelectronics UPSD3312DV Datasheet HTML 37Page - STMicroelectronics UPSD3312DV Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
8032 MCU core performance enhancements
UPSD33xx
34/272
Doc ID 9685 Rev 7
transparent and a full 10 MIPS is achieved when the program stream consists of sequential
one-byte, one machine-cycle instructions as shown in Figure 6 on page 32 (transparent
because a machine-cycle is four MCU clocks which equals the memory pre-fetch wait time
that is also four MCU clocks). But it is also important to understand PFQ operation on multi-
cycle instructions.
5.2
PFQ example, multi-cycle instructions
Let us look at a string of two-byte, two-cycle instructions in Figure 8. There are three
instructions executed sequentially in this example, instructions A, B, and C. Each of the time
divisions in the figure is one machine-cycle of four clocks, and there are six phases to
reference in this discussion. Each instruction is pre-fetched into the PFQ in advance of
execution by the MCU. Prior to Phase 1, the PFQ has pre-fetched the two instruction bytes
(A1 and A2) of instruction A. During Phase one, both bytes are loaded into the MCU
execution unit. Also in Phase 1, the PFQ is pre-fetching the first byte (B1) of instruction B
from program memory. In Phase 2, the MCU is processing instruction A internally while the
PFQ is pre-fetching the second byte (B2) of instruction B. In Phase 3, both bytes of
instruction B are loaded into the MCU execution unit and the PFQ begins to pre-fetch bytes
for the third instruction C. In Phase 4 instruction B is processed and the pre-fetching
continues, eliminating idle bus cycles and feeding a continuous flow of operands and
opcodes to the MCU execution unit.
The UPSD33xx MCU instructions are an exact 1/3 scale of all standard 8032 instructions
with regard to number of cycles per instruction. Figure 9 on page 35 shows the equivalent
instruction sequence from the example above on a standard 8032 for comparison.
5.3
Aggregate performance
The stream of two-byte, two-cycle instructions in Figure 8, running on a 40 MHz, 5 V,
UPSD33xx will yield 5 MIPs. And we saw the stream of one-byte, one-cycle instructions in
Figure 6 on page 32, on the same MCU yield 10 MIPs. Effective performance will depend on
a number of things: the MCU clock frequency; the mixture of instructions types (bytes and
cycles) in the application; the amount of time an empty PFQ stalls the MCU (mix of
instruction types and misses on Branch Cache); and the operating voltage. A 5 V
UPSD33xx device operates with four memory wait states, but a 3.3 V device operates with
five memory wait states yielding 8 MIPS peak compared to 10 MIPs peak for 5 V device.
The same number of wait states will apply to both program fetches and to data
READ/WRITEs unless otherwise specified in the SFR named BUSCON.
In general, a 3X aggregate performance increase is expected over any standard 8032
application running at the same clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com