Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 87 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 87 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 83Page - STMicroelectronics UPSD3312DV Datasheet HTML 84Page - STMicroelectronics UPSD3312DV Datasheet HTML 85Page - STMicroelectronics UPSD3312DV Datasheet HTML 86Page - STMicroelectronics UPSD3312DV Datasheet HTML 87Page - STMicroelectronics UPSD3312DV Datasheet HTML 88Page - STMicroelectronics UPSD3312DV Datasheet HTML 89Page - STMicroelectronics UPSD3312DV Datasheet HTML 90Page - STMicroelectronics UPSD3312DV Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
MCU bus interface
Doc ID 9685 Rev 7
87/272
Table 47.
BUSCON: Bus Control register (SFR 9Dh, reset value EBh)
Table 48.
BUSCON register bit definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EPFQ
EBC
WRW[1:0]
RDW[1:0]
CW[1:0]
Bit
Symbol
R/W
Definition
7
EPFQ
R,W
Enable Pre-Fetch Queue
0 = PFQ is disabled
1 = PFQ is enabled (default)
6
EBC
R,W
Enable Branch Cache
0 = BC is disabled
1 = BC is enabled (default)
5:4
WRW[1:0]
R,W
WR Wait, number of MCU_CLK periods for WR write bus
cycle during any MOVX instruction
00b: 4 clock periods
01b: 5 clock periods
10b: 6 clock periods (default)
11b: 7 clock periods
3:2
RDW[1:0]
R,W
RD Wait, number of MCU_CLK periods for RD read bus cycle
during any MOVX instruction
00b: 4 clock periods
01b: 5 clock periods
10b: 6 clock periods (default)
11b: 7 clock periods
1:0
CW[1:0]
R,W
Code Wait, number of MCU_CLK periods for PSEN read bus
cycle during any code byte fetch or during any MOVC code
byte read instruction. Periods will increase with PFQ stall
00b: 3 clock periods - exception, for MOVC instructions this
setting results 4 clock periods
01b: 4 clock periods
10b: 5 clock periods
11b: 6 clock periods (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com