Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3312DV Datasheet(PDF) 86 Page - STMicroelectronics

Part # UPSD3312DV
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312DV Datasheet(HTML) 86 Page - STMicroelectronics

Back Button UPSD3312DV Datasheet HTML 82Page - STMicroelectronics UPSD3312DV Datasheet HTML 83Page - STMicroelectronics UPSD3312DV Datasheet HTML 84Page - STMicroelectronics UPSD3312DV Datasheet HTML 85Page - STMicroelectronics UPSD3312DV Datasheet HTML 86Page - STMicroelectronics UPSD3312DV Datasheet HTML 87Page - STMicroelectronics UPSD3312DV Datasheet HTML 88Page - STMicroelectronics UPSD3312DV Datasheet HTML 89Page - STMicroelectronics UPSD3312DV Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
MCU bus interface
UPSD33xx
86/272
Doc ID 9685 Rev 7
Note:
1
A PSEN bus cycle in progress may be aborted before completion if the PFQ and Branch
Cache (BC) determines the current code fetch cycle is not needed.
2
Whenever the same number of MCU_CLK periods is specified in BUSCON for both PSEN
and RD cycles, the bus cycle timing is typically identical for each of these types of bus
cycles. In this case, the only time PSEN read cycles are longer than RD read cycles is when
the PFQ issues a stall while reloading. PFQ stalls do not affect RD read cycles. By
comparison, in many traditional 8051 architectures, RD bus cycles are always longer than
PSEN bus cycles.
18.2
Bus write cycles (WR)
When the WR signal is used, a byte of data is written directly to the PSD module or external
device, no PFQ or caching is involved. Bits in the BUSCON register determine the number
of MCU_CLK periods for bus write cycles to all addresses. It is not possible to specify in
BUSCON a different number of MCU_CLK periods for writes to various address ranges.
18.3
Controlling the PFQ and BC
The BUSCON register allows firmware to enable and disable the PFQ and BC at run-time.
Sometimes it may be desired to disable the PFQ and BC to ensure deterministic execution.
The dynamic action of the PFQ and BC may cause varying program execution times
depending on the events that happen prior to a particular section of code of interest. For this
reason, it is not recommended to implement timing loops in firmware, but instead use one of
the many hardware timers in the UPSD33xx.
By default, the PFQ and BC are enabled after a reset condition.
Note:
Important: Disabling the PFQ or BC will seriously reduce MCU performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com